Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801RTYR.B Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8801RTYR.B
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801RTYR.B Datasheet(HTML) 5 Page - Texas Instruments

  DRV8801RTYR.B Datasheet HTML 1Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 2Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 3Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 4Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 5Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 6Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 7Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 8Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VBB
Load supply voltage(2)
–0.3
40
V
VCP and CP2
Charge Pump Voltage
–0.3
VBB+17V
V
Output current
–2.8
2.8
A
VSense
Sense voltage
–500
500
mV
VBB to OUTx
36
V
OUTx to SENSE
36
V
VDD
PHASE, ENABLE, MODE, MODE1, MODE2, nSLEEP and nFAULT(2)
–0.3
7
V
Continuous total power dissipation
See Section 6.4
TA
Operating free-air temperature
–40
85
°C
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Input voltage, VBB
8
32
38
V
VDD
Logic Supply Voltage
0
5.5
V
f(PWM)
Applied PMW signal (PHASE and ENABLE)
0
100
kHz
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
THERMAL METRIC(1)
DRV880x
UNIT
RTY (WQFN)
PWP (HTSSOP)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
38.1
43.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.7
30.8
RθJB
Junction-to-board thermal resistance
16.1
25.3
ψJT
Junction-to-top characterization parameter
0.3
1.1
ψJB
Junction-to-board characterization parameter
16.2
25
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.1
5.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
www.ti.com
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com