Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801RTYR.B Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV8801RTYR.B
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801RTYR.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8801RTYR.B Datasheet HTML 8Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 9Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 10Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 11Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 12Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 13Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 14Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 15Page - Texas Instruments DRV8801RTYR.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
8.3.3.1 Connecting VPROPI Output to ADC
The analog output VPROPI varies proportionally with the SENSE voltage according to Equation 1. It’s important
to note even if VSENSE is negative VPROPI will remain at 0 V.
SENSE
VPROPI
5
V
u
(1)
An RC network in series with the VPROPI output is recommended, if this voltage is to be sampled by an analog
to digital converter.
Figure 8-3. RC Network in Series With the VPROPI Output
It is imperative to realize that VPROPI will decrease to 0 V while the H-Bridge enters slow decay recirculation.
8.3.4 Charge Pump
The charge pump is used to generate a supply above VBB to drive the source-side DMOS gates. A 0.1-μF
ceramic monolithic capacitor should be connected between CP1 and CP2 for pumping purposes. A 0.1-μF
ceramic monolithic capacitor, CStorage, should be connected between VCP and VBB to act as a reservoir to run
the high-side DMOS devices. The VCP voltage level is internally monitored and, in the case of a fault condition,
the outputs of the device are disabled.
8.3.5 Shutdown
As a measure to protect the device, faults caused by very high junction temperatures or low voltage on VCP
disable the outputs of the device until the fault condition is removed. At power on, the UVLO circuit disables the
drivers.
8.3.6 Low-Power Mode
Control input nSLEEP is used to minimize power consumption when the DRV880x is not in use. A logic low on
the nSLEEP input disables much of the internal circuitry, including the internal voltage rails and charge pump. A
logic high on this input pin results in normal operation. When switching from low to high, the user should allow a
1-ms delay before applying PWM signals. This time is needed for the charge pump to stabilize.
8.3.7 Braking
The braking function is implemented by driving the device in slow-decay mode (MODE 1 pin is high) and
deasserting the enable to low. Because it is possible to drive current in both directions through the DMOS
switches, this configuration effectively shorts out the motor-generated BEMF as long as the ENABLE chop mode
is asserted. The maximum current can be approximated by VBEMF/RL. Care should be taken to ensure that the
maximum ratings of the device are not exceeded in worse-case braking situations – high-speed and high-inertia
loads.
8.3.8 Diagnostic Output
The nFAULT pin signals a problem with the chip via an open-drain output. A motor fault, undervoltage condition,
or TJ > 160°C drives the pin low. This output is not valid when nSLEEP puts the device into minimum power
dissipation mode (that is, nSLEEP is low). nFAULT stays asserted (nFAULT = L) until VBB reaches VBBNFR to
give the charge pump headroom to reach its undervoltage threshold. nFAULT is a status-only signal and does
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com