Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280049CPMSR Datasheet(PDF) 22 Page - Texas Instruments

Part # F280049CPMSR
Description  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

F280049CPMSR Datasheet(HTML) 22 Page - Texas Instruments

Back Button F280049CPMSR Datasheet HTML 18Page - Texas Instruments F280049CPMSR Datasheet HTML 19Page - Texas Instruments F280049CPMSR Datasheet HTML 20Page - Texas Instruments F280049CPMSR Datasheet HTML 21Page - Texas Instruments F280049CPMSR Datasheet HTML 22Page - Texas Instruments F280049CPMSR Datasheet HTML 23Page - Texas Instruments F280049CPMSR Datasheet HTML 24Page - Texas Instruments F280049CPMSR Datasheet HTML 25Page - Texas Instruments F280049CPMSR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 271 page
background image
Table 6-1. Pin Attributes (continued)
SIGNAL NAME
MUX
POSITION
100 PZ
64
PMQ
64 PM
56
RSH
PIN
TYPE
DESCRIPTION
GPIO13
0, 4, 8, 12
50
29
26
I/O
General-Purpose Input Output 13
EPWM7_B
1
O
ePWM-7 Output B
CANB_RX
2
I
CAN-B Receive
EQEP1_INDEX
5
I/O
eQEP-1 Index
SCIB_RX
6
I
SCI-B Receive Data
PMBUSA_ALERT
7
I/OD
PMBus-A Open-Drain Bidirectional Alert Signal
FSIRXA_CLK
9
I
FSIRX-A Input Clock
GPIO14
0, 4, 8, 12
96
I/O
General-Purpose Input Output 14
EPWM8_A
1
O
ePWM-8 Output A
SCIB_TX
2
O
SCI-B Transmit Data
OUTPUTXBAR3
6
O
Output X-BAR Output 3
PMBUSA_SDA
7
I/OD
PMBus-A Open-Drain Bidirectional Data
SPIB_CLK
9
I/O
SPI-B Clock
EQEP2_A
10
I
eQEP-2 Input A
GPIO15
0, 4, 8, 12
95
I/O
General-Purpose Input Output 15
EPWM8_B
1
O
ePWM-8 Output B
SCIB_RX
2
I
SCI-B Receive Data
OUTPUTXBAR4
6
O
Output X-BAR Output 4
PMBUSA_SCL
7
I/OD
PMBus-A Open-Drain Bidirectional Clock
SPIB_STE
9
I/O
SPI-B Slave Transmit Enable (STE)
EQEP2_B
10
I
eQEP-2 Input B
GPIO16
0, 4, 8, 12
54
33
33
30
I/O
General-Purpose Input Output 16
SPIA_SIMO
1
I/O
SPI-A Slave In, Master Out (SIMO)
CANB_TX
2
O
CAN-B Transmit
OUTPUTXBAR7
3
O
Output X-BAR Output 7
EPWM5_A
5
O
ePWM-5 Output A
SCIA_TX
6
O
SCI-A Transmit Data
SD1_D1
7
I
SDFM-1 Channel 1 Data Input
EQEP1_STROBE
9
I/O
eQEP-1 Strobe
PMBUSA_SCL
10
I/OD
PMBus-A Open-Drain Bidirectional Clock
XCLKOUT
11
O
External Clock Output. This pin outputs a divided-down
version of a chosen clock signal from within the device.
GPIO17
0, 4, 8, 12
55
34
34
31
I/O
General-Purpose Input Output 17
SPIA_SOMI
1
I/O
SPI-A Slave Out, Master In (SOMI)
CANB_RX
2
I
CAN-B Receive
OUTPUTXBAR8
3
O
Output X-BAR Output 8
EPWM5_B
5
O
ePWM-5 Output B
SCIA_RX
6
I
SCI-A Receive Data
SD1_C1
7
I
SDFM-1 Channel 1 Clock Input
EQEP1_INDEX
9
I/O
eQEP-1 Index
PMBUSA_SDA
10
I/OD
PMBus-A Open-Drain Bidirectional Data
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com