Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280049CPMSR Datasheet(PDF) 29 Page - Texas Instruments

Part # F280049CPMSR
Description  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

F280049CPMSR Datasheet(HTML) 29 Page - Texas Instruments

Back Button F280049CPMSR Datasheet HTML 25Page - Texas Instruments F280049CPMSR Datasheet HTML 26Page - Texas Instruments F280049CPMSR Datasheet HTML 27Page - Texas Instruments F280049CPMSR Datasheet HTML 28Page - Texas Instruments F280049CPMSR Datasheet HTML 29Page - Texas Instruments F280049CPMSR Datasheet HTML 30Page - Texas Instruments F280049CPMSR Datasheet HTML 31Page - Texas Instruments F280049CPMSR Datasheet HTML 32Page - Texas Instruments F280049CPMSR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 271 page
background image
Table 6-1. Pin Attributes (continued)
SIGNAL NAME
MUX
POSITION
100 PZ
64
PMQ
64 PM
56
RSH
PIN
TYPE
DESCRIPTION
VDDIO_SW
80
53
53
48
3.3-V Supply pin for the internal DC-DC regulator. If the
internal DC-DC regulator is used, a bulk input capacitance
of 20-µF should be placed on this pin. Always tie this pin to
the VDDIO pin. A ferrite bead may be used for isolation if
desired but VDDIO_SW and VDDIO must be supplied from
the same source.
VSS
5, 45,
72, 86
5, 26,
45, 58
5, 26,
45, 58
PAD
Digital Ground
VSSA
12, 33
21
21
19
Analog Ground
VSS_SW
82
55
55
50
Internal DC-DC regulator ground. Always tie this pin to the
VSS pin.
(1)
When DCDCEN = 1 the respective bits in AMSEL register are don't cares.
www.ti.com
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com