Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280049CPMSR Datasheet(PDF) 72 Page - Texas Instruments

Part # F280049CPMSR
Description  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

F280049CPMSR Datasheet(HTML) 72 Page - Texas Instruments

Back Button F280049CPMSR Datasheet HTML 68Page - Texas Instruments F280049CPMSR Datasheet HTML 69Page - Texas Instruments F280049CPMSR Datasheet HTML 70Page - Texas Instruments F280049CPMSR Datasheet HTML 71Page - Texas Instruments F280049CPMSR Datasheet HTML 72Page - Texas Instruments F280049CPMSR Datasheet HTML 73Page - Texas Instruments F280049CPMSR Datasheet HTML 74Page - Texas Instruments F280049CPMSR Datasheet HTML 75Page - Texas Instruments F280049CPMSR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 271 page
background image
7.9.1.2.3 Delay Blocks
The delay blocks in the path of the voltage monitors work together to delay the release time between the voltage
monitors and XRSn. These delays ensure that the voltages are stable when XRSn releases in external VREG
mode. The delay blocks are only active during power up (that is, when VDDIO and VDD are ramping up).
The delay blocks contribute to the minimum slew rates specified in Power Management Module Electrical Data
and Timing for the power rails.
Note
The delay numbers specified in the block diagram are typical numbers.
7.9.1.2.4 Internal 1.2-V LDO Voltage Regulator (VREG)
The internal VREG is supplied by the VDDIO rail and can generate the 1.2 V required to power the VDD pins.
It is enabled by tying the VREGENZ pin low. Although the internal VREG eliminates the need to use an external
supply for VDD, decoupling capacitors are still required on the VDD pins for VREG stability and transients. See
VDD Decoupling for details.
7.9.1.2.5 VREGENZ
The VREGENZ (VREG disable) pin controls the state of the internal VREG. To enable the internal VREG,
the VREGENZ pin should be tied low. For applications supplying VDD externally (external VREG), the internal
VREG should be disabled by tying the VREGENZ pin high.
Note
Not all device packages have VREGENZ pinned out. For packages without VREGENZ, external
VREG mode is not supported.
7.9.1.2.6 Internal 1.2-V Switching Regulator (DC-DC)
The internal DC-DC regulator offers increased efficiency over the LDO for converting 3.3 V to 1.2 V. The internal
DC-DC regulator is supplied by the VDDIO_SW pin and generates the 1.2 V required to power the VDD pins. To
use the internal switching regulator, the core domain must power up initially using the internal LDO VREG supply
(tie the VREGENZ pin low to VSS) and then transition to the DC-DC regulator through application software
by setting the DCDCEN bit in the DCDCCTL register. VREGENZ must still be kept low after transition since
it controls both the DC-DC and LDO. Tying VREGENZ high disables both the DC-DC and LDO. The DC-DC
regulator also requires external components (inductor, input capacitance, and output capacitance). The output
of internal DC-DC regulator is not internally fed to the VDD rail and requires an external connection. Figure 7-8
shows the schematic implementation.
CVDDIO_SW
VDDIO_SW
VSS_SW
VSW
VFBSW
VIN
VDD
VSS_SW
CVDD_DECAP
(A)
VSS
VSS_SW
VSS
CVDD
VSS
F28004x
LVSW
VDD
Copyright © 2017, Texas Instruments Incorporated
A.
One decoupling capacitor per each of the four VDD pins
Figure 7-8. DC-DC Circuit Schematic
The VDDIO_SW supply pin (VIN) requires a 3.3-V level voltage. A total input capacitance (CVDDIO_SW) of 20 µF is
required on VDDIO_SW. Due to the capacitor specification requirements detailed in Table 7-2, two parallel 10-µF
capacitors in parallel is the recommended configuration. Decoupling capacitors of 100 nF should also be placed
on each VDD pin as close to the device as possible.
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
www.ti.com
72
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com