Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB35000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics CB35000 Datasheet HTML 10Page - STMicroelectronics CB35000 Datasheet HTML 11Page - STMicroelectronics CB35000 Datasheet HTML 12Page - STMicroelectronics CB35000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
CB35000 SERIES
®
Ball Grid Array (BGA) packages are available
from 160 to 500 pins and SBC types allow the pin
count to reach the area of 1000 pins. Pin counts
for through board mounting (PGA) range up to
480.
The diversity in pin count and package style gives
the designer the opportunity to find the best
compromise
for
system
size,
cost
and
performance requirements.
All
packages
for
the
military
market
are
hermetically
sealed
to
meet
MIL-STD-883
Method. Prototypes are developed in ceramic
packages for fast turnaround evaluation.
r
Packages in Production
A
Packages in Development
NUMBER
OF LEADS
(Pins)
PACKAGE NAME
PQFP
TQFP
BGA
PLCC
CPGA
POWER PQFP
Slug/Spreader
20
r
28
r
44
rr
64
rr
68
rr
80
rr
84
rr
100
rr
r
120
rr
r
128
rr
144
rr
r
r
160
rr
176
r
180
r
208
rr
r
224
r
225
r
256
r
257
r
304
313
AA
400
AA
480
AA
PACKAGE AVAILABILITY
The
CB35000
Series
is
designed
to
be
compatible with QFP, BGA and SBC package
types, in addition to the more traditional types
found.
The options include Plastic Leaded Chip Carriers
(PLCC) from 28 to 84 pins, while the Metric Quad
Flat Pack (xQFP) offering ranges up to 208 pins.
Both high performance and high power variants
are available as well as the TQFP thin types.
Figure 6
Packaging Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com