Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB35000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 1 Page - STMicroelectronics

  CB35000 Datasheet HTML 1Page - STMicroelectronics CB35000 Datasheet HTML 2Page - STMicroelectronics CB35000 Datasheet HTML 3Page - STMicroelectronics CB35000 Datasheet HTML 4Page - STMicroelectronics CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CB35000 SERIES
HCMOS STANDARD CELLS
PRELIMINARY DATA
July 1995
1/16
®
FEATURES
s
0.5 micron triple layer metal HCMOS5S pro-
cess featuring retrograde well technology,
low resistance salicided active areas, polysi-
licide gates and thin metal oxide.
s
3.3 V optimized transistor with 5 V I/O inter-
face capability
s
2 - input NAND delay of 210 ps (typ) with
fanout = 2.
s
Broad I/O functionality including LVCMOS,
LVTTL, GTL, PECL, and LVDS.
s
High drive I/O; capability of sinking up to 48
mA with slew rate control, current spike sup-
pression and impedance matching.
s
Generators to support SPRAM, DPRAM,
ROM and MULT with BIST options.
s
Extensive embedded function library includ-
ing DSP and ST micros, popular third party
micros and Synopsys synthetic libraries.
Table 1
Module Generator Library
Cell
Description
SPRAM
256K bits max
16K word max 64 bit max
Zero static current
Tristate outputs
DPRAM
128K bits max
8K word max 64 bit max
Zero static current
Tristate outputs
ROM
2M bits max
32K word max 64 bit max
Diffusion programmable
Tristate outputs
MULT
Parallel asynchronous operation
2’s complement product
6 to 64 bits for both inputs
Ripple Carry or Fast Carry Look Ahead
s
Fully independent power and ground config-
urations for inputs, core and outputs.
s
I/O ring capability up to 800 pads.
s
Output buffers capable of driving ISA, EISA,
PCI, MCA, and SCSI interface levels.
s
Active pull up and pull down devices.
s
Buskeeper I/O functions.
s
Oscillators for wide frequency spectrum.
s
Broad range of 300 SSI cells.
s
Low Power / Low Drive library subset.
s
Design For Test includes IEEE 1149.1 JTAG
Boundary Scan architecture built in.
s
Cadence and Mentor based design system
with interfaces from multiple workstations.
s
Broad ceramic and plastic package range.
s
Latchup trigger current > +/- 500 mA.
ESD protection > +/- 4000 volts.


Similar Part No. - CB35000

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CB35110407MP EATON-CB35110407MP Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
More results

Similar Description - CB35000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CB45000 STMICROELECTRONICS-CB45000 Datasheet
265Kb / 16P
HCMOS6 STANDARD CELLS
Mar-1998
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_14 Datasheet
164Kb / 16P
Comprehensive Library of Standard Logic and I/O Cells
logo
CSB Battery Co., Ltd.
GP121000 CSB-BATTERY-GP121000_16 Datasheet
719Kb / 2P
Cells Per Unit 6 Cells Per Unit 6
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
Cylindrical cells
HB0820-2R5305-R EATON-HB0820-2R5305-R Datasheet
426Kb / 5P
Cylindrical cells
HV0810-2R7105-R EATON-HV0810-2R7105-R Datasheet
458Kb / 5P
Cylindrical cells
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
Coin cells
KW-5R5C104-R EATON-KW-5R5C104-R Datasheet
440Kb / 4P
Coin cells
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
TV1020-3R0605-R EATON-TV1020-3R0605-R Datasheet
494Kb / 5P
Cylindrical cells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com