Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB35000 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 5 Page - STMicroelectronics

  CB35000 Datasheet HTML 1Page - STMicroelectronics CB35000 Datasheet HTML 2Page - STMicroelectronics CB35000 Datasheet HTML 3Page - STMicroelectronics CB35000 Datasheet HTML 4Page - STMicroelectronics CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
CB35000 SERIES
®
Table 2
I/O Drive Capacity for LVCMOS and
LVTTL Slew Rate Buffers
Current Drive
(mA)
Maximum
Capacitance (pF)
2.0
50
4.0
100
8.0
200
12.0
300
16.0
400
24.0
800
MPUL
LPUL
LPDL
MPDL
Vdd + 0.3 Volts
0.8 * Vdd
0.2 * Vdd
Vss - 0.3 Volts
Typical Current from all Vdd
supplies at LPUL or MPDL
25
µA per receiver
Trip Level = 0.5 * Vdd
Figure 4a
D.C. Specifications for
LVCMOS Input Receivers
MPUL
LPUL
LPDL
MPDL
Vdd + 0.3 Volts
Vss + 2.0 Volts
Vss + 0.8 Volts
Vss - 0.3 Volts
Typical Current from all Vdd
supplies at LPUL or MPDL
25
µA per receiver
Trip Level = 1.4 Volts
(nominal)
Figure 4b
D.C. Specifications for
LVTTL Input Receivers
Table 3
I/O Drive Capacity for LVCMOS and
LVTTL Non Slew Rate Buffers
Current Drive
(mA)
Maximum
Capacitance (pF)
2.0
50
4.0
100
8.0
200
12.0
300
16.0
400
24.0
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com