Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB35000 Datasheet(PDF) 14 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics CB35000 Datasheet HTML 10Page - STMicroelectronics CB35000 Datasheet HTML 11Page - STMicroelectronics CB35000 Datasheet HTML 12Page - STMicroelectronics CB35000 Datasheet HTML 13Page - STMicroelectronics CB35000 Datasheet HTML 14Page - STMicroelectronics CB35000 Datasheet HTML 15Page - STMicroelectronics CB35000 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CB35000 SERIES
14/16
®
Note 1.
These are extended voltage and temperature specifications
Vdd from 2.7 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 2.
Adherence to rules in Power Pin / Pad Specifications Required
Note 3.
Excluding Package
Note 4.
At 0.0 Volts
Note 5.
Human Body Model
Table 11 General Interface DC Electrical Characteristics (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Iil
Low Level Input Current
Vi =Vss
+/-10
uA
2
Iih
High Level Input Current
Vi = Vdd
+/-10
uA
2
Ioz
Tri-State Output Leakage
Vo=0V or Vdd
+/-10
uA
2
Cin
Input Capacitance
Freq=1MHz
2.0
4.0
pF
3,4
Co
Output Capacitance
Freq=1MHz
4.0
pF
3,4
Cio
Bidi, I/O Capacitance
Freq=1MHz
0.9
1.1
pF
3,4
Iklu
I/O Latch Up Current
V<Vss, V>Vdd
200
500
mA
Vesd
Electrostatic Protection
HBM
2000
4000
V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com