Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 41Page - STMicroelectronics L5965_V01 Datasheet HTML 42Page - STMicroelectronics L5965_V01 Datasheet HTML 43Page - STMicroelectronics L5965_V01 Datasheet HTML 44Page - STMicroelectronics L5965_V01 Datasheet HTML 45Page - STMicroelectronics L5965_V01 Datasheet HTML 46Page - STMicroelectronics L5965_V01 Datasheet HTML 47Page - STMicroelectronics L5965_V01 Datasheet HTML 48Page - STMicroelectronics L5965_V01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
5.2.22
SPI Silicon Version
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FSM_STATUS
FSM2REC
TOREC_REASON_FLAG
SILVERSION
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x20
SILVERSION: read only ("0000" means 'AA' version)
FSM_STATUS: read only
0001: Shutdown
0010: StandBy
0011: INIT
0100: RampUP_Main
0101: Secup
0110: Active
0111: Rec
1000: Test
1001: OTP_Prog
FSM2REC: read & clear. State machine status before going into REC mode.
000: default value after reset release or R&C;
001: INIT, means the state machine moved from INIT mode to REC mode;
010: RAMPUP MAIN, means the state machine moved from RAMPUP MAIN mode to REC mode;
011: SECUP, means the state machine moved from SECUP mode to REC mode;
100: ACTIVE, means the state machine moved from ACTIVE mode to REC mode;
TOREC_REASON_FLAG: read & clear. The reason that make state machine jump to REC.
When FSM2 REC is INIT:
Bit4 = 1: lbist_fail flag makes state machine from INIT to REC.
Bit5 = 1: abist_fail flag makes state machine from INIT to REC.
Bit6 = 1: mbuck_pg_loss flag makes state machine from INIT to REC.
Bit7 = 1: saf_crc_fail flag makes state machine from INIT to REC.
When FSM2REC is RAMPUP MAIN:
Bit4 = 1: lbist_fail flag makes state machine from RAMPUP MAIN to REC.
Bit5 = 1: main_buck_fail flag (main PG=0 & timer expired) makes state machine from RAMPUP MAIN
to REC.
Bit6 = 1: main_buck_pg_loss makes state machine from RAMPUP MAIN to REC.
When FSM2REC is SECUP:
Bit4 = 1: lbist_fail flag makes state machine from SECUP to REC.
Bit5 = 1: mbuck_PG=0 flag makes state machine from SECUP to REC.
Bit6 = 1: mbuck_pg_loss flag makes state machine from SECUP to REC.
Bit7 = 1: vreg_ot flag makes state machine from SECUP to REC.
When FSM2REC is ACTIVE:
Bit4 = 1: lbist_fail flag makes state machine from ACTIVE to REC.
Bit5 = 1: mbuck_PG=0 or vreg_ot flag makes state machine from ACTIVE to REC.
Bit6 = 1: mbuck_pg_loss flag makes state machine from ACTIVE to REC.
Bit7 = 1: SECUP fail=3 flag makes state machine from ACTIVE to REC.
Bit8 = 1: Rstb fail.
L5965
SPI registers mapping
DS12567 - Rev 3
page 45/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com