Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 1 Page - STMicroelectronics

  L5965_V01 Datasheet HTML 1Page - STMicroelectronics L5965_V01 Datasheet HTML 2Page - STMicroelectronics L5965_V01 Datasheet HTML 3Page - STMicroelectronics L5965_V01 Datasheet HTML 4Page - STMicroelectronics L5965_V01 Datasheet HTML 5Page - STMicroelectronics L5965_V01 Datasheet HTML 6Page - STMicroelectronics L5965_V01 Datasheet HTML 7Page - STMicroelectronics L5965_V01 Datasheet HTML 8Page - STMicroelectronics L5965_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Features
•
AEC-Q100 qualified
•
Pre SMPS BUCK1 regulator controller, adjustable via OTP to 0.8 V, 1.0 V,
1.1 V, 1.2 V, 1.8 V, 3.3 V, 3.8 V, 5.0 V at 0.4 MHz
•
Pre SMPS BUCK2 regulator, adjustable via OTP to 1.0 V, 1.1 V, 1.2 V, 1.35 V,
1.5 V, 3.3 V, 3.6 V, 5.0 V at 1.35/2.6 A min peak current limit, 0.4/2.4 MHz
•
Post SMPS BUCK3 regulator, adjustable via OTP to 1.0 V, 1.2 V, 1.35 V, 1.8 V,
2.0 V, 2.3 V, 2.5 V, 3.3 V at 1.4 A min peak current limit, 2.4 MHz
•
Post SMPS BUCK4 regulator, adjustable via OTP to 1.1 V, 1.12 V, 1.2 V,
1.25 V, 1.3 V, 1.35 V, 1.8 V, 3.3 V at 1 A min peak current limit, 2.4 MHz
•
Post SMPS BOOST regulator, adjustable via OTP to 5.0 V at 0.3 A max load
current, 7.0 V at 0.2 A max load current, 2.4 MHz
•
Post Linear regulator LDO, adjustable via OTP to 1.2 V, 1.25 V, 1.3 V, 1.8 V,
2.5 V, 2.8 V, 3.3 V, 5.0 V at 300/600 mA max load current
•
Precise Voltage reference, adjustable via OTP to 1.8 V, 2.5 V, 3.3 V,
4.1 V at 20 mA max load current
•
SPI interface with CRC
•
Programmable slew rate/soft start
•
Voltage supervisors
•
Spread frequency spectrum
•
Reset and reset activation list
•
Adjustable window watchdog supervisors
•
Power up phase programmable via OTP
•
Short circuit protected outputs and Fault detection pin to Microcontroller
•
Low external components number
•
Thermal shutdown junction temperature 175 °C
Description
L5965 is a multiple voltage regulator composed by two battery compatible BUCK pre-
regulators (one of which is a controller), two BUCK post regulators with internal
compensation, one BOOST, one LDO and a precise voltage reference regulator. All
the regulators, except the BUCK1 pre-regulator, have internal power switches.
OTP (One Time Programmable) cells are used for the main device parameters
programming (output voltages and currents, switching frequencies) and to configure
the power up sequence.
An SPI interface can be used to enable or disable the single voltage regulators, for
diagnostic information and to program internal blocks parameters (monitor and
Power Good thresholds, slew rate, etc.).
The device offers a set of features to support applications that need to fulfill functional
safety requirements as defined by Automotive Safety Integrity Level (ASIL) A-B-C-D.
VFQFPN-48 (7x7 mm)
Product status link
L5965
Product summary
Order code
Package
Packing
L5965SQ-V0Y
VFQFPN-48
Tray
L5965SQ-V0T
Tape and
reel
Power management for automotive vision and radar systems
L5965
Datasheet
DS12567 - Rev 3 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L5965_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5965SQ STMICROELECTRONICS-L5965SQ Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
L5965SQ-V0T STMICROELECTRONICS-L5965SQ-V0T Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
L5965SQ-V0Y STMICROELECTRONICS-L5965SQ-V0Y Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
More results

Similar Description - L5965_V01

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00FR BALLUFF-BAE00FR Datasheet
120Kb / 3P
Lighting for Vision Systems
0.72_2021-10-12
BAE00H2 BALLUFF-BAE00H2 Datasheet
116Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00JE BALLUFF-BAE00JE Datasheet
116Kb / 3P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011P BALLUFF-BAE011P Datasheet
126Kb / 2P
Lighting for Vision Systems
0.26_2021-10-12
logo
STMicroelectronics
L5965 STMICROELECTRONICS-L5965 Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
Power management for automotive vision and radar systems
21-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com