Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 31Page - STMicroelectronics L5965_V01 Datasheet HTML 32Page - STMicroelectronics L5965_V01 Datasheet HTML 33Page - STMicroelectronics L5965_V01 Datasheet HTML 34Page - STMicroelectronics L5965_V01 Datasheet HTML 35Page - STMicroelectronics L5965_V01 Datasheet HTML 36Page - STMicroelectronics L5965_V01 Datasheet HTML 37Page - STMicroelectronics L5965_V01 Datasheet HTML 38Page - STMicroelectronics L5965_V01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
1.
For DI, CNT=DI[21] is ignored when calculating CRC, it means only {DI[31:22],DI[20:5]} is used to calculate
CRC. For example, if DI[31:5]=27‘b1000_0010_1011_1111_1111_1111_111, the CRC[4:0]= 5‘b0_0011
2.
For DO, DO[21] is ignored when calculating CRC, it means only {DO[31:22],DO[20:5]} is used to calculate
CRC.
3.
The initial value of CRC generator is 5'b1_1111.
4.
MSB (DI[31]) is shift in CRC generator at first.
Figure 23. Structure of CRC generator
XOR
MOSI
BIT4
XOR
BIT1
BIT0
BIT3
BIT2
GAPG2402160858PS
5.2
SPI registers mapping
When registers are not written, their default state is the one shown in the respective map.
5.2.1
SPI REG BUCK1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R
R
R
R
R
R/W
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Address
0x00
BUCK1_CUR_MAX: Driver max output current (see BUCK1 GATE Driver)
BUCK1_XTH: OV/UV/PG threshold setting (see Power output UV/OV monitor, Power Good)
BUCK1_SPREAD_EN: Spread spectrum enable
BUCK1_BLANKTIME: Output power stage blanking time (see tprogramming_dead_BUCK1)
BUCK1_SSCLK_SEL: SoftStart time selection (see tSOFTSTART_BUCK1)
L5965
SPI registers mapping
DS12567 - Rev 3
page 35/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com