Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 12Page - STMicroelectronics L5965_V01 Datasheet HTML 13Page - STMicroelectronics L5965_V01 Datasheet HTML 14Page - STMicroelectronics L5965_V01 Datasheet HTML 15Page - STMicroelectronics L5965_V01 Datasheet HTML 16Page - STMicroelectronics L5965_V01 Datasheet HTML 17Page - STMicroelectronics L5965_V01 Datasheet HTML 18Page - STMicroelectronics L5965_V01 Datasheet HTML 19Page - STMicroelectronics L5965_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
3.3.1
Electrical characteristic curves
Figure 4. Efficiency of Buck2 with Vin = 14 V and
Vout = 3.3 V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
I (A)
1
1.5
2
2.5
3
Buck2 @ 400 kHz
Buck2 @ 2.4 MHz
η
[%]
GADG0609180940PS
Figure 5. Efficiency of Buck3 with Vin = 3.3 V and
Vout = 2 V
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
I (A)
η
[%]
GADG0609180948PS
Buck3 @ 2.4 MHz
Figure 6. Efficiency of Buck4 with Vin = 3.3 V and
Vout = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
I (A)
GADG0609181051PS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
η
[%]
Buck4 @ 2.4 MHz
Figure 7. Efficiency of Boost with Vin = 3.3 V and
Vout = 5 V
0
10
20
30
40
50
60
70
80
90
100
I (A)
0
η
[%]
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Boost @ 2.4 MHz
GADG0609181118PS
L5965
Electrical characteristics
DS12567 - Rev 3
page 16/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com