Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 144 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 140Page - STMicroelectronics L9300 Datasheet HTML 141Page - STMicroelectronics L9300 Datasheet HTML 142Page - STMicroelectronics L9300 Datasheet HTML 143Page - STMicroelectronics L9300 Datasheet HTML 144Page - STMicroelectronics L9300 Datasheet HTML 145Page - STMicroelectronics L9300 Datasheet HTML 146Page - STMicroelectronics L9300 Datasheet HTML 147Page - STMicroelectronics L9300 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 178 page
background image
KFREQCTRL
Frequency Control
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
Address:
Channel_X_BaseAddress + 0x06
Type:
RW
Reset:
0b0000 0000 1000 1101 0001
Description:
Register stores KF, FCIL (Variable frequency forward gain: HW mode current control) and current sense chopper
parameters.
[19:12] unused
[11] FCIL:
0: Disabled
1: Enabled
Reset events: VB_UV , GND_LOSS, POR, RES1
[10] TOFSCHOP: see Hardware current control
Reset events: VB_UV , GND_LOSS, POR, RES1
[9] TOFSINT see Hardware current control
Reset events: VB_UV, GND_LOSS, POR, RES1
[8:6] TOFSFLT: Chopper Offset Hi-pass Filter Time Cut-off see Hardware current control
Reset events: VB_UV, GND_LOSS, POR, RES1
[5:3] KFI: Integral Gain of Frequency Control Loop see Hardware current control
Reset events: VB_UV, GND_LOSS, POR, RES1
[2:0] KFP: Proportional Gain of Frequency Control Loop see Hardware current control
Reset events: VB_UV, GND_LOSS, POR, RES1
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 144/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com