Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 8Page - STMicroelectronics L9305 Datasheet HTML 9Page - STMicroelectronics L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics L9305 Datasheet HTML 15Page - STMicroelectronics L9305 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
FAULTn Masking function
Register & Data Bit
Internal Global Register Error
None
CP Under Voltage Fault
SERVFLTMSK1, D[3]
Configuration Register Mismatch Fault
SERVFLTMSK1, D[2]
VBATP Over Voltage Fault
SERVFLTMSK1, D[1]
Core Over Temperature Fault
SERVFLTMSK1, D[0]
SPI Protocol Error Fault
SERVFLTMSK2 D[15]
IN 3 Echo Fault
SERVFLTMSK2 D[4]
IN 2 Echo Fault
SERVFLTMSK2 D[3]
IN 1 Echo Fault
SERVFLTMSK2 D[2]
IN 0 Echo Fault
SERVFLTMSK2 D[1]
EN_DR Echo Fault
SERVFLTMSK2 D[0]
Table 6. Solenoid channel and fail safe fault pin error masking
FAULTn Masking function
Register & Data Bit
E_Sol_Thermal Warning
DRVFLTMSK1,D[15]
EEPROM CRC Error on CSA Calibration Data
DRVFLTMSK1,D[14]
EEPROM CRC Error on ADC Trimming Bits
DRVFLTMSK1,D[13]
PWM check fault
DRVFLTMSK1,D[12]
E_Sol_Open Load Fault
DRVFLTMSK1,D[6]
E_Sol_Short Fault
DRVFLTMSK1,D[5]
E_Sol_ADC Fault
DRVFLTMSK1,D[4]
E_LSCLAMP Fault
DRVFLTMSK1,D[3]
E_Sol_HS Over Current Fault
DRVFLTMSK1,D[2]
E_Sol_LS Over Current Fault
DRVFLTMSK1,D[1]
E_Sol Over Temperature Fault
DRVFLTMSK1,D[0]
Out of Regulation Fault
DRVFLTMSK2,D[4]
GND_SOL Loss Fault
DRVFLTMSK2,D[3]
E_RAM_CRC_ERR Fault
DRVFLTMSK2,D[2]
E_SOL_HS/LS Fault
DRVFLTMSK2,D[1]
E_CFG_REG_FAIL Fault
DRVFLTMSK2,D[0]
4.5
SPI communications (CS, SCLK, MOSI & MISO)
The CS, SCLK, MOSI & MISO pins provide serial communications between the device and the microcontroller.
Please see Section 9: SPI for details on SPI features, device register functions and electrical characteristics.
L9305
Input / Output
DS12774 - Rev 10
page 12/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com