Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics L9305 Datasheet HTML 15Page - STMicroelectronics L9305 Datasheet HTML 16Page - STMicroelectronics L9305 Datasheet HTML 17Page - STMicroelectronics L9305 Datasheet HTML 18Page - STMicroelectronics L9305 Datasheet HTML 19Page - STMicroelectronics L9305 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
Figure 6. Charge pump mechanization
X
Charge Pump
X
X
X
X
X
CTANK
VC1
VC2
VC3
VC4
VCP
C1
C2
VBATP
GADG2709181559PS
5.9
Startup & power down sequence
L9305 begins initialization and execution of all internal diagnostic and self-test functions upon VDD reaching the
VDD_UV threshold. A detailed list of these monitoring functions is summarized in Section 8: Safety features .
While the device is initializing, the FAULTn pin remains low. Upon completing initialization, the SPI POR flag is set
high (clear on read) to indicate a POR event has occurred and the FAULTn pin remains low until the RESn input
is set high. The RESn input can be set high prior to the device completing initialization but the FAULTn pin will not
be released until the POR event is complete. This sequence is shown in Figure 7. Also RES_echo in PINSTATUS
register is set, when the device exits the reset state in case of Power-On reset event, despite the state of RESn
pin.
Once the POR event is complete and the RESn input is set high, the device can be configured by the user. All
registers maintain RESET default states until both POR is set high and RESn is set by the user.
Figure 7. Startup procedure example
VDD_UV
VCP_UV
Internal Operations
HiZ
VDD
RESn
FAULTn
Case #1: RESn released before internal operations completed
VDD_UV
VCP_UV
Internal Operations
VCP
VDD
RESn
FAULTn
Case #2: RESn released before internal operations completed
HiZ
GADG2709181142PS
L9305 power down sequence requires only the VDD supply be disabled. Once the VDD_UV threshold is reached,
the solenoid and fail safe pre-driver outputs are disabled. There are no timing dependencies between VDD and
VBATP voltage levels to perform the power down sequence.
L9305
Power supply
DS12774 - Rev 10
page 16/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com