Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 31Page - STMicroelectronics L9305 Datasheet HTML 32Page - STMicroelectronics L9305 Datasheet HTML 33Page - STMicroelectronics L9305 Datasheet HTML 34Page - STMicroelectronics L9305 Datasheet HTML 35Page - STMicroelectronics L9305 Datasheet HTML 36Page - STMicroelectronics L9305 Datasheet HTML 37Page - STMicroelectronics L9305 Datasheet HTML 38Page - STMicroelectronics L9305 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
7
High side fail safe pre-driver
For safety purpose the solenoid loads must be connected to battery line through an external fail safe switch driven
by L9305: in case of fault the device must be always able to disconnect external fail safe switch to avoid
unwanted energization of solenoid loads. The device provides also diagnostic for external switch, by means of
VDS comparator, to detect overcurrent/short conditions and prevent FET from overheating.
In PWSSO36 package, L9305 provides one fail safe pre-driver channel to control an external high side N-channel
safety switch. In TQFP48 package, L9305 provides 4 fail safe pre-driver channels to control 4 external high side
N-channel safety switches. The pre-driver protects the external N-channel Mosfet by monitoring the drain to
source voltage drop across the Mosfet. The threshold for this diagnostic is programmable by the user in the
FSCONF register, bits D[1:0]. To enable the output driver, set bit D[2]=1 in the FSCONF register. Upon enabling
the output driver, fault monitoring is masked for a period of T_FS_VDS_blank and filtered for T_FS_VDS_flt.
Should a fault be detected, the VDS fault flag is set in the SERVFLT1 register, bit D[10]. The fault bit is latched
and is clear on read. To re-enable the failsafe pre-driver, the fault must be cleared and the enable bit must be set
again through the SPI (FSCONF register).
An external microcontroller can inhibit pre-driver activation by means of the EN_DR input pin: if this pin is driven
low the failsafe gate is pulled to ground by an internal switch-off path parallel to the digital one. The internal switch
off path is triggered also in case of safety relevant internal faults such as stuck of main clock or overvoltage of the
logic core supply voltage.
While the device is in either IDLE or RUNNING mode, EN_DR is set high and FS_EN is set high through an SPI
command, the user can set EN_DR low and verify that the fail-safe switch is disabled thru the parallel safety
switch off path by reading the PINSTATUS register SAFETY echo (bit D[7]). The user can also verify the EN_DR
status reading the PINSTATUS register, bit D[0].
Figure 17. Fail safe concept
FS_CMD
FS_Dx
VBATP
VCP
FS_Gx
FS_Sx
IBIAS
IPU
IPD
VDS_fault
+
GADG2709181321PS
The Fail Safe pre-driver can be in the following states:
FS OFF: Device in Idle State. Fail Safe related registers at their default state. Internal reset state
FS IDLE: Fail safe disabled. Fail safe related registers preserved but Enable Low. Two cases:
EN_DR low. Echo on SPI
Error on FS present. Error on SPI and on FAULT pin, if not masked.
RUNNING: Fail Safe enabled and running with gate status depending on SPI command register value
L9305
High side fail safe pre-driver
DS12774 - Rev 10
page 35/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com