Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 22Page - STMicroelectronics L9305 Datasheet HTML 23Page - STMicroelectronics L9305 Datasheet HTML 24Page - STMicroelectronics L9305 Datasheet HTML 25Page - STMicroelectronics L9305 Datasheet HTML 26Page - STMicroelectronics L9305 Datasheet HTML 27Page - STMicroelectronics L9305 Datasheet HTML 28Page - STMicroelectronics L9305 Datasheet HTML 29Page - STMicroelectronics L9305 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
6.1.10
Dither synchronization
In variable frequency mode, the PWM switch-on events are not clock based and are dependent on frequency
control loop response. Therefore variable frequency mode is naturally asynchronous with respect to the dither
steps. However, it is still possible to synchronize dither with the variable frequency PWM control by synchronizing
with the actual PWM frequency. There are two options to sync the dither waveform. The two sync types are
shown below. Please, note that the function is not valid for fixed frequency operation since all dither steps are
synchronous with the PWM control frequency.
•
Dither SYNC Enable - register Channelx_DTHPGM1, bit D[14]
–
0 → Dither synch for variable frequency is disabled
–
1 → Dither synch for variable frequency is enabled
•
SYNC TYPE – register ChannelxDTHPGM1, bit D[13]
–
0 → All Dither Steps are synchronous with the PWM Period. In this case the time base for Dither
Step duration is the actual PWM period rather than the exact target set point PWM period
–
1 → The Dither Period starts synchronous with the actual PWM Period. Only for the initial step in the
dither period, the Tstep is delayed to the next switch on transition of the PWM period. The time of
such initial step may be longer than the programmed period.
6.2
Software current control
In this configuration the device works as a driver without internal current control but provides the average
measured load current to the MCU through register Channel_x.AVGCUR, bits D[13:0]. With the average current
feedback, the MCU can close the current control loop.
Figure 14. Software control configuration
INx
VS_SOL_x
LOADx
GND_SOL_x
EN_DR
Driver
Control
SPI
HS
Current Sense
LS
Current Sense
HS Driver
LS Driver
SPI
GADG2709181307PS
To avoid spurious switching of the external loads due to noise spikes on INx pins, a digital filter, LOADx_ton_res
and LOADx_toff_res (where “x” is related to selected channel), has been added to these pins.
Since the filter time is applied on each transition of the INx pin signal, OFF to ON and ON to OFF, the effect limits
the minimum period or maximum frequency of the signal delivered to the LOADx pin.
Channel state depends on the EN_DR input pin and the value of the Driver Configuration/Status SPI register
(Global.Solenoid Drivers Enable) as shown below.
Table 12. Solenoid driver channel status in software mode
EN_DR
Driver configuration status
Channel status
[1]
[0]
LOW
X
X
Driver Disabled, Off Diagnosis disabled and Masked
HIGH
0
0
HIGH
0
1
Driver in Tristate, Off diagnosis can be switched on
L9305
Current control drivers
DS12774 - Rev 10
page 26/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com