Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 59Page - STMicroelectronics L99UDL01TR Datasheet HTML 60Page - STMicroelectronics L99UDL01TR Datasheet HTML 61Page - STMicroelectronics L99UDL01TR Datasheet HTML 62Page - STMicroelectronics L99UDL01TR Datasheet HTML 63Page - STMicroelectronics L99UDL01TR Datasheet HTML 64Page - STMicroelectronics L99UDL01TR Datasheet HTML 65Page - STMicroelectronics L99UDL01TR Datasheet HTML 66Page - STMicroelectronics L99UDL01TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
DS12511 Rev 5
63/88
L99UDL01
Programmers guide
87
GRPx_y
These bits assign outputs to one of two groups for the purpose of paralleling. When
grouped, the outputs behave as one.
There are two groups that can associate outputs together. Group 1 can only associate
outputs 1 through 3. Group 2 can only associate outputs 4 through 6. Group 1 must have
Output 1 in the group. Also, group 2 must have Output 4 in the group.
Configuring these bits alters how the current regulation/PWM bits are used. In PWM control
(C_PWM_SWx = 1), only the master is used to configure outputs associated together.
Master outputs are output 1 for outputs 1 through 3 and output 4 for outputs 4 through 6. All
C_PWM_SWx bits in the associated group must be at the same setting.
When in current regulation control, all outputs in the group are configured. All currents are
added to give a total regulated current value. See Section 2.4.9 as well as Control registers
04H and 05H for more detail.
Any unassociated outputs are driven or configured normally.
DITHN
This bit disables the dither frequency to the charge pump oscillator. Disabling the dither
function will stop the charge pump oscillator from constantly shifting in frequency within a
specified range of frequencies.
4
GRP2_6
Group 2 assignment bit for Output 6
3
GRP2_5
Group 2 assignment bit for Output 5
2
GRP1_3
Group 1 assignment bit for Output 3
1
GRP1_2
Group 1 assignment bit for Output 2
0Parity
Table 37. Grouping configuration bits
Group configuration
GRP2_6
GRP2_5
GRP1_3
GRP1_2
Group assignments
0
000
No group
x
x
0
1
Group 1, 2
x
x
1
0
Group 1, 3
x
x
1
1
Group 1, 2, 3
0
1
x
x
Group 4, 5
1
0
x
x
Group 4, 6
1
1
x
x
Group 4, 5, 6
Table 36. 03H register bit description (continued)
Bit#
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com