Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 37Page - STMicroelectronics L99UDL01TR Datasheet HTML 38Page - STMicroelectronics L99UDL01TR Datasheet HTML 39Page - STMicroelectronics L99UDL01TR Datasheet HTML 40Page - STMicroelectronics L99UDL01TR Datasheet HTML 41Page - STMicroelectronics L99UDL01TR Datasheet HTML 42Page - STMicroelectronics L99UDL01TR Datasheet HTML 43Page - STMicroelectronics L99UDL01TR Datasheet HTML 44Page - STMicroelectronics L99UDL01TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
DS12511 Rev 5
41/88
L99UDL01
Electrical characteristics
87
4.4
ESD protection
Table 17. ESD protection
Parameter
Value
Unit
All pins(1)
1. HBM (Human Body Model, 100 pF, 1.5 kΩ) according to joint standard ANSI/ESDA/JEDEC JS-001-2014.
+/-2
kV
Power Output pins(2): OUT1-6, GND1-6, VS1-6, DRN1-2, SRC1-2,
GNDEXT1-2, GATEH1-2, GATEL1-2, VS and GND
2. HBM with all none zapped pins grounded.
+/-4
kV
All pins(3)
3. Charge Device Model (AEC_Q100-011).
+/-500
V
Corner pins(3)
+/-750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com