Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 28Page - STMicroelectronics L99UDL01TR Datasheet HTML 29Page - STMicroelectronics L99UDL01TR Datasheet HTML 30Page - STMicroelectronics L99UDL01TR Datasheet HTML 31Page - STMicroelectronics L99UDL01TR Datasheet HTML 32Page - STMicroelectronics L99UDL01TR Datasheet HTML 33Page - STMicroelectronics L99UDL01TR Datasheet HTML 34Page - STMicroelectronics L99UDL01TR Datasheet HTML 35Page - STMicroelectronics L99UDL01TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Electrical characteristics
L99UDL01
32/88
DS12511 Rev 5
4.3.2
Oscillator
4.3.3
Turn-on/off timing
A.027
V3V3prereg
Preregulated
Voltage
Device in Standby
2.95
V
A.028
IVDD run
VDD Supply run
current
– GFI enabled
– SPI active (CSN low)
– VDD = 5 V
1.05
1.3
mA
A.029
IVDD inactive
VDD Supply
inactive current
– GFI disabled
– SPI inactive (CSN high)
60
120
µA
A.030
IVDD STBY
VDD Supply
STBY current
STBY bit = 1
2
5
µA
1. In the VSOPER_EXT range, the functionality of the device is guaranteed by design and some parameters may shift (spec
parameters are guaranteed only in the VSOPER range).
Table 6. Supply voltage parameters (continued)
Electrical characteristics (-40°C < TJ < 130°C, 6 V < VS < 18 V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 7. Oscillator
Electrical characteristics (-40°C < TJ < 130°C, 6 V < VS < 18 V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
A.040
fclk
Internal Oscillator frequency
range
810
12
MHz
Table 8. On/Off timing parameters
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
F.001
tON RANGE
Typical
Programmable on
time duration
tON_x[4:0]
Tested by scan
100
1040
ms
F.002
tON STEP
Typical Step Size per
bit
tON_x[4 :0] < F (Hex)
Tested by scan
20
ms
F.003
tON_x[4 :0] > F (Hex)
Tested by scan
40
F.004
tOFF RANGE
Typical
Programmable off
time duration
tOFF_x = [0:0], [0:1], [0:1]
Tested by scan
0
200
ms
F.005
tOFF STEP
Typical Step Size per
bit
0 < tOFF_x[1:0] < 3
Tested by scan
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com