Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 16Page - STMicroelectronics L99UDL01TR Datasheet HTML 17Page - STMicroelectronics L99UDL01TR Datasheet HTML 18Page - STMicroelectronics L99UDL01TR Datasheet HTML 19Page - STMicroelectronics L99UDL01TR Datasheet HTML 20Page - STMicroelectronics L99UDL01TR Datasheet HTML 21Page - STMicroelectronics L99UDL01TR Datasheet HTML 22Page - STMicroelectronics L99UDL01TR Datasheet HTML 23Page - STMicroelectronics L99UDL01TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
Device description
L99UDL01
20/88
DS12511 Rev 5
Control loop parameters
The control loop for the current regulation is programmable. There are two parameters that
are adjustable through SPI. It should be noted that there is a default setting that will work for
the most of the lock motor applications known. These parameters are provided to aid in any
possible scenario. Typically, these parameters can be left alone:
Integral Gain, Ki, (3 bits)
Proportional Gain, Kp, (3 bits)
Integral and proportional gain settings are the standard control loop parameters for integral
gain and proportional gain. The default settings for these parameters are Ki =2-2 = 1/4, and
Kp = 26 = 64.
This register is set up for a nominal control loop. Most, if not all, applications will be stable
enough to use this default setting.
Current regulation mode can be initiated via EN_OUT rising edge or via OUT_ON bit
(register 01H) provided EN_OUT=1 and OUTx_on =0 for the timed output x. Once started, a
timed actuation can be stopped only with EN_OUT=0, fault condition, Emergency mode or
at the natural end of timers. No other time controlled output can be started when a timed
actuation is ongoing.
Current feedback
The Integrated drivers can provide a 10 bit word representing the current regulation loop
current value. This is done to provide load integrity information in addition to the CNR bit (a
current not reached, CNR, bit is set if the current in the output does not reach the regulated
current level during the entire on-time actuation).
This is a buffered value of the 10 bit up/down counter in the current regulation loop. This
information is retrieved at the falling edge of CSN when accessing the appropriate current
loop register.
The conversion of the 10 bit information found in registers 13h – 18h to a typical value of
current is a simple equation:
The current feedback can be read during the actuation phase as well as during the dynamic
braking. In the latter case, the current feedback cannot be read when the dynamic braking is
disabled for that output (DBN_x bit). The current feedback can be read for any actuated
integrated output regardless of its configuration (current mode, voltage mode and
overridden).
In indefinite braking mode, the current feedback is disabled after the first 100ms.
PWM frequency adjustment
The current regulation or PWM control PWM frequency can be adjusted to optimize the
motor current regulation. This is accomplished in 2 kHz intervals from 10 kHz to 24 kHz
using three FPWMx bits in register 00H.
Typical Current
Regx
0xA0h
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com