Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 71Page - STMicroelectronics L9908TR Datasheet HTML 72Page - STMicroelectronics L9908TR Datasheet HTML 73Page - STMicroelectronics L9908TR Datasheet HTML 74Page - STMicroelectronics L9908TR Datasheet HTML 75Page - STMicroelectronics L9908TR Datasheet HTML 76Page - STMicroelectronics L9908TR Datasheet HTML 77Page - STMicroelectronics L9908TR Datasheet HTML 78Page - STMicroelectronics L9908TR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
Figure 48. Current monitor input CMRR - Positive Common Mode input voltage
Figure 49. Current monitor input CMRR - Negative Common Mode input voltage
CMRRn=−20log CSOnRF_RMS
2
+CSOnDC2
VinRF_RMS
(13)
Where:
CSOn_rf_rms = output voltage RMS calculated taking into account only the AC component of the output voltage
on the n-th CSO output.
CSOn_dc = Output DC shift (with respect to the reference value with zero AC component).
Vin_rf_rms = input voltage RMS calculated taking into account only the AC component of the input voltage on n-th
CM input (Vin = IS + -IS-).
Example:CSOn = 200 mV (reference value without RF applied) CSOn_DC_RF = 160 mV (DC output value with
RF applied) Vin_pp = 4 Vpp -> Vin_RMS = 1.4 Vrms (applied RMS RF level) CSOn_ac = 0 (i.e. no ripple at
current measurement output).
CMRR = 30.88 dB
CMRRn=−20log 0ACRMS2+ −0.04DC2
1.4
=30.88dBV
(14)
L9908
Functional description
DS13546 - Rev 5
page 75/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com