| Electronic Components Datasheet Search |
|
L9908TR Datasheet(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9908TR Datasheet(HTML) 91 Page - STMicroelectronics |
|
91 / 152 page ![]() OFDn_EN1 OFDn_EN0 Description 0 1 Pull-up current enabled, pull-down current disabled 1 0 Pull-down current enabled, pull-up current disabled 1 1 Off-State diagnosis disabled The OFD is automatically enabled when the OFD_EN bit is set and INLn/INHn = 0 [n = 1,2,3]. Once enabled, the OFD circuit is stopped as soon as a 0 → 1 transition of INHn/INLn is detected. Depending on the external load condition, the OFD configuration and detection shall follow the next table: Table 85. OFD fault detection table Condition OFD_EN[1:0] Error flag Description 3-Phase OFD [Three phase load] OFD1 = 10 OFD2 = 01 OFD3 = 10 HS2_OFD = X(1) LS1_OFD = 0 LS2_OFD = 0 LS3_OFD = 0 Short to ground on one or multiple motor phases HS2_OFD = 0 LS1_OFD = 1 LS2_OFD = 1 LS3_OFD = 1 Short to battery on one or multiple motor phases HS2_OFD = X(1) LS1_OFD = 0 LS2_OFD = 1 LS3_OFD = 1 Open connection on motor phase 1 (SHS_1) HS2_OFD = X(1) LS1_OFD = 0 LS2_OFD = 1 LS3_OFD = 0 Open connection on motor phase 2 (SHS_2) HS2_OFD = X(1) LS1_OFD = 1 LS2_OFD = 1 LS3_OFD = 0 Open connection on motor phase 3 (SHS_3) HS2_OFD = 1 LS1_OFD = 1 LS2_OFD = 1 LS3_OFD = 1 No fault 1. X = do not care. Note: • The OFD circuit can detect a SCB or SCG condition affecting the three phases in general, due to the low DC resistance of the motor it cannot identify at which phase the failure is present. • Correct functionality of OFD is based on a current mismatch between pull-up and pull-down current. In case of additional external pull-up/down contribution the following inequation must be satisfied: IPU_TOTx>IPD_TOT_PHy+IPD_TOT_PHz (21) Where: Ipu_totx is the equivalent pull-up current injected into the phase x (assuming phase x being configured as OFD_EN = 01) Ipd_toty and Ipd_totz are the equivalent pull-down currents injected respectively into the phase y and z (assuming phase y and z being configured as OFD_EN = 10) L9908 Functional description DS13546 - Rev 5 page 91/152 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |