Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 73Page - STMicroelectronics L9908TR Datasheet HTML 74Page - STMicroelectronics L9908TR Datasheet HTML 75Page - STMicroelectronics L9908TR Datasheet HTML 76Page - STMicroelectronics L9908TR Datasheet HTML 77Page - STMicroelectronics L9908TR Datasheet HTML 78Page - STMicroelectronics L9908TR Datasheet HTML 79Page - STMicroelectronics L9908TR Datasheet HTML 80Page - STMicroelectronics L9908TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
Figure 50. Command edge triggering timing diagram
The Tsync_flt can be set separately for each phase by the SPI signal TSYNCn_CFG<10:0> in the register
CHn_CFG3, so that:
TSYNCn=ΔLSB_TSYNC×TSYNCn_CFG10:0
(15)
Being:
ΔLSB_TSYNC=ΔACT_lsb
(16)
Where: ∆ACT_lsb is the ACT quantization step (see Table 98).
5.13.1.1.2
Auto-triggering
Auto-triggering criteria relies on an internal counter which counts the number of clock cycles in which the sign
comparator has the same sign. When the counted value equals the value configured in the
CSMn_SYNC_COUNT_CFG register a trigger pulse is generated and the SAR conversion is performed.
SAR conversion is launched independently of each current monitor, asynchronously.
Note:
Auto-triggering is always active and cannot be disabled. Its purpose is to allow A/D to promptly react in front of
input voltage sharp transitions also in case command edge triggering is not enabled.
SR counter threshold can be programmed for the single current monitor through the following SPI bits:
L9908
Functional description
DS13546 - Rev 5
page 77/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com