| Electronic Components Datasheet Search |
|
L9908TR Datasheet(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9908TR Datasheet(HTML) 76 Page - STMicroelectronics |
|
76 / 152 page ![]() 5.13.1.1 Conversion triggering logic In order to improve the effectiveness of the A/D conversion and maximize the dynamic performances the current monitor ADC implements two different conversion algorithms: • Up/Down TRK algorithm is active while SAR is disabled. TRK logic increments/decrements by 1LSB each clock cycle the DAC input depending on the sign comparator assessment. This algorithm is able to guarantee a high conversion accuracy but along with a limited input slew rate given by 1LSB/Tclk; • SAR algorithm is active while TRK is disabled. SAR logic increments/decrements by 210/2Nat each N clock cycle. This algorithm is effective in the fast changing signal but lacks in accuracy. A/D conversion default algorithm is TRK; SAR conversion algorithm is launched by triggering logic assessment. Conversion triggering logic assessment follows two different criteria: • Command Edge Triggering; • Auto-triggering. Note: As long as enabled, each n-th A/D continuously converts input voltage into digital words: the conversion triggering only defines how SAR and TRK algorithms interleave to get the most accurate current conversion. 5.13.1.1.1 Command edge triggering Command Edge Triggering criteria relies on ACT function: when the value stored in ACTn register equals the value configured in the TSYNCn register, a trigger pulse is generated and the SAR conversion is performed. SAR conversion is launched at the same time on all current monitors, synchronously. The n-th ACT to be used for sampling reference can be configured by means of the following bits: Table 71. Command edge triggering configuration bits CSM_SSPV_PH_CFG1 CSM_SSPV_PH_CFG0 Description 0 0 No synchronization 0 1 TSYNC based on Phase 1 (Default) 1 0 TSYNC based on Phase 2 1 1 TSYNC based on Phase 3 Note: • When CSM_SSPV_PH_CFG is set 00 the value output on CSOn and stored in CSn_READ correspond to the last sample value when CSM_SSPV_PH_CFG ≠ 00. • When CSM_SSPV_PH_CFG = 01 ACT1 is used for the comparison • When CSM_SSPV_PH_CFG = 10 ACT2 is used for the comparison • When CSM_SSPV_PH_CFG = 11 ACT3 is used for the comparison L9908 Functional description DS13546 - Rev 5 page 76/152 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |