Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 119 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 115Page - STMicroelectronics L9908TR Datasheet HTML 116Page - STMicroelectronics L9908TR Datasheet HTML 117Page - STMicroelectronics L9908TR Datasheet HTML 118Page - STMicroelectronics L9908TR Datasheet HTML 119Page - STMicroelectronics L9908TR Datasheet HTML 120Page - STMicroelectronics L9908TR Datasheet HTML 121Page - STMicroelectronics L9908TR Datasheet HTML 122Page - STMicroelectronics L9908TR Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 152 page
background image
Table 120. SAFETY_RELEVANT2
Register name
Address
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
SAFETY_RELEVANT2
0x11
CSO3_DIS
0: CSO3/PVM pin used a CM3 output
(Default)
1: CSO3/PVM pin used a PVFn output
RW
15
1
0x0
B
SSR
CS3_DIS
0: current monitor enabled (Default)
1: current monitor disabled
RW
14
1
0x0
B
CS2_DIS
0: current monitor enabled (Default)
1: current monitor disabled
RW
13
1
0x0
B
CS1_DIS
0: current monitor enabled (Default)
1: current monitor disabled
RW
12
1
0x0
B
VDH_FLT_CFG
00: 12.25 μs (Defaults)
01: 25 μs
10: 50 μs
11: 100 μs
RW
10
2
0x0
B
VDH_OV_CFG
000: 12 V systems 1
001: 12 V systems 2
010: 24 V systems 1
011: 24 V systems 2
100: 48 V systems 1
101: 48 V systems 2
110: 48 V systems 3
111: 48 V systems 4 (Defaults)
RW
7
3
0x7
B
VDH_UV_CFG
00: 12 V systems (Defaults)
01: 24 V systems
10: 48 V systems
11: VDH UV disabled
RW
5
2
0x0
B
CRC
RW
0
5
0x17
B
Table 121. SAFETY_RELEVANT3
Register name
Address
Field name
Type Bit offset Bit width Reset value Reset
SAFETY_RELEVANT3
0x12
CP2_DIS
0: Charge pump 2 enabled (Default)
1: Charge pump 2 disabled
RW
15
1
0x0
B
SSR
CP1_DIS
0: Charge pump 1 enabled (Default)
1: Charge pump 1 disabled
RW
14
1
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 119/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com