Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 130 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 126Page - STMicroelectronics L9908TR Datasheet HTML 127Page - STMicroelectronics L9908TR Datasheet HTML 128Page - STMicroelectronics L9908TR Datasheet HTML 129Page - STMicroelectronics L9908TR Datasheet HTML 130Page - STMicroelectronics L9908TR Datasheet HTML 131Page - STMicroelectronics L9908TR Datasheet HTML 132Page - STMicroelectronics L9908TR Datasheet HTML 133Page - STMicroelectronics L9908TR Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 152 page
background image
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
NSR
CRCERR
Wrong CRC check value
CR
11
1
0x0
A
SHORTERR
Previous SPI frame length<32 bit
CR
10
1
0x0
A
LONGERR
Previous SPI frame length>32 bit
CR
9
1
0x0
A
UNUSED_8
RO
8
1
0x0
A
UNUSED_7
RO
7
1
0x0
A
UNUSED_6
RO
6
1
0x0
A
UNUSED_5
RO
5
1
0x0
A
UNUSED_4
RO
4
1
0x0
A
UNUSED_3
RO
3
1
0x0
A
UNUSED_2
RO
2
1
0x0
A
UNUSED_1
RO
1
1
0x0
A
UNUSED_0
RO
0
1
0x0
A
5.21
Window watchdog timer (WTD)
L9908 implements a watchdog timer function to ensure a safe SPI communication with μC in case of corrupted or
lost SPI communication.
Figure 85. Watchdog timer simplified block diagram
The watchdog timer function can be enabled by the SPI signal WDT_EN in the register GEN_CFG1:
Table 144. Watchdog enable bit
WDT_EN
Description
0
Watchdog disabled (Default)
1
Watchdog enabled
Activation status of WDT is also stored in the SPI read only register WD_ON_STATUS: WD_ON_STATUS = 0
WDT is not active, WD_ON_STATUS = 1 WDT is active.
As soon as the watchdog is enabled the overflow counter is started thus defining the available refresh window
Twdt_ovf which length is defined by the SPI register WDT_OVF_CFG.
L9908
Functional description
DS13546 - Rev 5
page 130/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com