Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908TR Datasheet(PDF) 138 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 138 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 134Page - STMicroelectronics L9908TR Datasheet HTML 135Page - STMicroelectronics L9908TR Datasheet HTML 136Page - STMicroelectronics L9908TR Datasheet HTML 137Page - STMicroelectronics L9908TR Datasheet HTML 138Page - STMicroelectronics L9908TR Datasheet HTML 139Page - STMicroelectronics L9908TR Datasheet HTML 140Page - STMicroelectronics L9908TR Datasheet HTML 141Page - STMicroelectronics L9908TR Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 152 page
background image
Component Min Typ Max Unit
Minimum requirement
Comment
12 V systems
24 V systems 48 V systems
RDC
-
4
-
mΩ
WSL10204L000FEA
-
REN_BR
-
100
-
Ω
-
Optional
RFS_FLAG
-
100
-
Ω
-
Optional
RGHS1n
-
47
-
Ω
-
-
RGHS2n
-
100
-
kΩ
-
-
RGLS1n
-
47
-
Ω
-
-
RGLS2n
-
100
-
kΩ
-
-
RINHn
-
100
-
Ω
-
Optional
RINLn
-
100
-
Ω
-
Optional
RNCS
-
100
-
Ω
-
Optional
RNDIS
-
100
-
Ω
-
Optional
RSCLK
-
100
-
Ω
-
Optional
RSDI
-
100
-
Ω
-
Optional
RSDO
-
100
-
Ω
-
Optional
RSHUNTn
-
4
-
mΩ
WSL10204L000FEA
-
TBR1
-
-
-
-
STL225N6F7AG
STH275N8F7
-
TBR2
-
-
-
-
BCP56-16
-
TVBP1
-
-
-
-
BCP56-16
-
THSn
-
-
-
-
STL225N6F7AG
STD105N10F7AG
-
TLSn
-
-
-
-
STL225N6F7AG
STD105N10F7AG
-
6.4
Layout guidelines
The following layout guidelines apply to any of the above shown application circuits.
•
Three separated bulk capacitors CHB1 should be used - one per half bridge.
•
Three separated ceramic capacitors CHB2 should be used - one per half bridge.
•
Each of the 3 bulk capacitors CHB1 and each of the 3 ceramic capacitors CHB2 should be assigned to one
of the half bridges and should be placed very close to it.
•
The components within one half bridge should be placed close to each other to reduce stray inductance to
a minimum: high-side MOSFET, low-side MOSFET, bulk capacitor CHB1, ceramic capacitor CHB2 and the
shunt resistor RSHUNT form a loop that should be as small and tight as possible. The traces should be
short and wide.
•
The three half bridges can be separated; however, when there is one common GND referenced shunt
resistor (RDC) for the three half bridges the sources of all low-side MOSFETs should be close to each
other and close to the common shunt resistor.
•
Additional R-C snubber circuits can be placed to attenuate/suppress oscillations during switching of the
MOSFETs, there may be one or two snubber circuits per half bridge and components must be low inductive
in terms of routing and packaging (ceramic capacitors).
•
The exposed pad on the backside of the package shall be connected to GND.
L9908
Application circuit
DS13546 - Rev 5
page 138/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com