Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 40Page - STMicroelectronics SPSB081 Datasheet HTML 41Page - STMicroelectronics SPSB081 Datasheet HTML 42Page - STMicroelectronics SPSB081 Datasheet HTML 43Page - STMicroelectronics SPSB081 Datasheet HTML 44Page - STMicroelectronics SPSB081 Datasheet HTML 45Page - STMicroelectronics SPSB081 Datasheet HTML 46Page - STMicroelectronics SPSB081 Datasheet HTML 47Page - STMicroelectronics SPSB081 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 137 page
background image
Figure 27. SPI signal description
The communication frame starts with the falling edge of the CSN (communication start). SCK has to be low.
The SDI data is then full latched following the rising SCK edges into the internal shift registers.
After the communication start the SDO leaves the 3-state mode and presents the MSB of the data shifted out to
SDO, it is then fully latched following the falling SCK edges data and it is shifted out through the internal shift
registers to SDO.
The communication frame is finished with the rising edge of CSN. If a valid communication has taken place (for
example, correct number of SCK cycles, access to a valid address), the requested operation according to the
operating code will be performed (write or clear operation).
4.2.2
Communication protocol
4.2.2.1
SDI frame
The devices data-in frame consists of 32 bits (OpCode (2 bits) + address (6 bits) + data byte 3 + data byte 2 +
data byte 1).
The first two transmitted bits (MSB, MSB-1) contain the operation code which represents the instruction, which is
performed. The following 6 bits (MSB-2 to MSB-7) represent the address on which the operation is performed.
The subsequent bytes contain the payload.
Figure 28. SDI frame
SPSB081
Signal description
DS14048 - Rev 3
page 44/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com