| Electronic Components Datasheet Search |
|
SPSB081 Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 137 page ![]() 4.4.1 Clock monitor During communication (CSN low to high phase) a clock monitor counts the valid SCK clock edges. If the SCK edges do not correlate with the SPI data length, an SPIE is reported with the next command and the actual communication is rejected. By accessing the device information registers (OpCode = ‘11’) the clock monitor is set to a minimum of 16 SCK edges plus a multiple by 8 (for example, 16, 24, 32, …). Providing no SCK edge during a CSN low to high phase is not recognized as an SPIE. For a SPI burst read also the SPI data length plus multiple numbers of payloads SCK edges are assumed as a valid communication. 4.4.2 SCK polarity (CPOL) check To detect the wrong polarity access via SCK, the internal clock monitor is used. Providing first a negative edge on SCK during communication (CSN low to high phase) or a positive edge at last will lead to an SPI error reported in the next communication and the actual data is rejected. 4.4.3 SCK phase (CPHA) check To verify, that the SCK phase of the SPI master is set correctly a special device information register is implemented. By reading this register the data must be 55H. In case AAH is read the CPHA setting of the SPI master is wrong and a proper communication cannot be guaranteed. 4.4.4 CSN timeout By pulling CSN low the SDO is set active and leaves its tristate condition. To ensure communication between other SPI devices within the same bus even in case of CSN stuck at low a CSN timeout is implemented. By pulling CSN low an internal timer is started. After timer end is reached the actual communication is rejected and the SDO is set to tristate condition. 4.4.5 SDI stuck at GND As a communication with data all-‘0’ and OpCode ‘00’ on address b’000000 cannot be distinguished between a valid command and a SDI stuck at GND this communication is not allowed. Nevertheless, in case a stuck at GND is detected the communication will be rejected and the SPIE will be set with the next communication. 4.4.6 SDI stuck at HIGH As a communication with data all-‘1’ and OpCode ‘11’ on address b’111111 cannot be distinguished between a valid command and a SDI stuck at HIGH this communication is not allowed. In case a stuck at HIGH is detected the communication will be rejected and the SPIE will be set with the next communication. 4.4.7 SDO stuck at GND and HIGH The SDO stuck at GND and stuck at HIGH has to be detected by the SPI master. As the definition of the GSB guarantees at least one toggle, a GSB with all-‘0’ or all-‘1’ reports a stuck at error. SPSB081 Protocol failure detection DS14048 - Rev 3 page 52/137 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |