Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081 Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 102Page - STMicroelectronics SPSB081 Datasheet HTML 103Page - STMicroelectronics SPSB081 Datasheet HTML 104Page - STMicroelectronics SPSB081 Datasheet HTML 105Page - STMicroelectronics SPSB081 Datasheet HTML 106Page - STMicroelectronics SPSB081 Datasheet HTML 107Page - STMicroelectronics SPSB081 Datasheet HTML 108Page - STMicroelectronics SPSB081 Datasheet HTML 109Page - STMicroelectronics SPSB081 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 137 page
background image
Table 92. CR11 signals description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
PWM1 DC_9
Binary coded on-dutycycle of PWM channel PWMx(1)
PWM1_DC_9,8...0 duty cycle
0000000000 = Off
0000000001 = 1*100/1024
0000000010 = 2*100/1024
... ... ...
1111111101 = 1021*100/1024
1111111110 = 1022*100/1024
1111111111 = 1023*100/1024
20
PWM1 DC_8
19
PWM1 DC_7
18
PWM1 DC_6
17
PWM1 DC_5
16
PWM1 DC_4
15
PWM1 DC_3
Binary coded on-duty cycle of PWM channel PWM1 (see above)
14
PWM1 DC_2
13
PWM1 DC_1
12
PWM1 DC_0
11
RES
Reserved
10
RES
Reserved
9
PWM2 DC_9
Binary coded on-dutycycle of PWM channel PWM2 (see below)
8
PWM2 DC_8
7
PWM2 DC_7
Binary coded on-dutycycle of PWM channel PWM2(1)
PWM2_DC_9,8...0 duty cycle:
0000000000 = Off
0000000001 = 1*100/1024
0000000010 = 2*100/1024
... ... ...
1111111101 = 1021*100/1024
1111111110 = 1022*100/1024
1111111111 = 1023*100/1024
6
PWM2 DC_6
5
PWM2 DC_5
4
PWM2 DC_4
3
PWM2 DC_3
2
PWM2 DC_2
1
PWM2 DC_1
0
PWM2 DC_0
1. To have a duty cycle equal to 100%, the output configuration shall be set in ON mode.
Table 93. Control register CR12 (0x0C)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
Table 94. CR12 signals description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
SPSB081
Control registers
DS14048 - Rev 3
page 106/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com