Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-E Datasheet(PDF) 60 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 60 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 56Page - Greenlee Communications DST-SW-E Datasheet HTML 57Page - Greenlee Communications DST-SW-E Datasheet HTML 58Page - Greenlee Communications DST-SW-E Datasheet HTML 59Page - Greenlee Communications DST-SW-E Datasheet HTML 60Page - Greenlee Communications DST-SW-E Datasheet HTML 61Page - Greenlee Communications DST-SW-E Datasheet HTML 62Page - Greenlee Communications DST-SW-E Datasheet HTML 63Page - Greenlee Communications DST-SW-E Datasheet HTML 64Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
336
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Fiber Optic Instrument Adapters – SOC and UCI
• Our SOC and UCI adapters provide direct connectivity for
Tempo fiberTOOLS® to a wide range of industry-standard fiber
optic connectors
• Adapter design ensures maximum accuracy and repeatability
when performing critical measurements on fiber optic systems
• Easy to clean and use
• Single-mode and multimode compatible
• SOC adapters are compatible with both PC and Angled APC
physical contact interfaces
• UCI adapters feature durable phosphor bronze alignment sleeve
• SOC (Snap-On Connector) adapter is used on all power meters
and 250 “B” series LED Sources
• UCI (Universal Connector Interface) adapter is used on all 250/260
“A” Series Sources and 330 Series Variable Optical Attenuators
Fiber Optic Instrument Adapters – SOC and UCI
CONNECTOR TYPE
SOC ADAPTER
UCI ADAPTER
DESCRIPTION
CAT. NO.
UPC NO.
CAT. NO.
UPC NO.
1.25 mm Quick-Connect Universal Adapter
(LC, MU, etc.)
T1026
60588
Use Hybrid Cable Only *
2.5 mm SOC Quick-Connect Adapter
(E2000, FC, SC, ST, etc.)
T1025
60587
AU-250
60703
E-2000
T10E2
60599
AE2-10
60698
FC
T1020
60576
APC-108
60572
HMS-10/HP
T1040
60590
AHP-10
60699
LC
T10LC
60600
Use Hybrid Cable * or FoPro®_x
MIL-T-29504/4 & /5 Termini
T1038
60589
Use Hybrid Cable * or FoPro®_x
MT-RJ
T13A2
60605
Use Hybrid Cable Only *
SC
T1062
60575
ASC-108
60574
SMA 905/906
T1087
60596
ASM-90
60702
ST
T1030
60577
ATS-108
60573
TOSLINK – Simplex
T10TB
60602
Use Hybrid Cable Only *
Versatile Link – V/Z PIN
T10ZP
60604
Use Hybrid Cable Only*
x FoPro ferrule options include 2.5 mm, 1.57 mm (MIL-style 16AWG optical contacts) and 1.25 mm.
* When using a Hybrid Adapter Cable, the instrument UCI adapter and one end of the Hybrid
Adapter Cable should be a commonly available connector type. (i.e. FC, SC or ST)
90SOC (60687)
SOC adapter tool for
easy installation and
removal of SOC adapters
from instrument interfaces.
(Product shown may vary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com