Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-E Datasheet(PDF) 97 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 97 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 93Page - Greenlee Communications DST-SW-E Datasheet HTML 94Page - Greenlee Communications DST-SW-E Datasheet HTML 95Page - Greenlee Communications DST-SW-E Datasheet HTML 96Page - Greenlee Communications DST-SW-E Datasheet HTML 97Page - Greenlee Communications DST-SW-E Datasheet HTML 98Page - Greenlee Communications DST-SW-E Datasheet HTML 99Page - Greenlee Communications DST-SW-E Datasheet HTML 100Page - Greenlee Communications DST-SW-E Datasheet HTML 101Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
373
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Modular Plug Connectors
RJ11
RJ45
RJ45
• RJ45 8-conductor modular plugs
• 50 micron gold plating
• Meets or exceeds EIA/TIA
specifications
WE/SS-STYLE 8P8C CONNECTORS
CONNECTOR TYPE
CABLE TYPE
QUANTITY
CAT. NO.
RJ45
Cat5e, Solid or Stranded
Round, Flat or Oval
10/Pack
50/Pack
100/Pack
PA9546
PA9655
PA9549
WE/SS-STYLE 6P6C CONNECTORS
DESCRIPTION
CONNECTOR TYPE
CABLE TYPE
QUANTITY
CAT. NO.
RJ11
Solid or Stranded
Round, Flat or Oval
10/Pack
PA9520
Telephone Ratchet Crimper
CAT. NO.
UPC NO.
DESCRIPTION
45553
45553
Telephone Ratchet Crimper
45575
45575
Telephone Ratchet Crimper
45553
Typically used for Modular Plug Connectors
(See below)
45575
Typically used for Modular Plug Connectors
(See below) Our Telephone Ratchet Crimper
was designed with a compact head to fit into
tight spaces and ergonomic handles for opera-
tor comfort.
• Combination tool terminates 8- position, 6- position and 4- position
(45575 only) modular style plugs
• No need to change crimping dies
• Full-cycle ratchet mechanism provides consistent,
quality terminations every cycle
• Straight action ensures uniform crimp
• Small, compact design
• Built-in wire cutter and stripper for flat cable
• All-steel frame has rust-resistant, black oxide finish
RJ11
• RJ11 6-conductor modular plugs
• For use with stranded wire
• 50 micron gold plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com