Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-E Datasheet(PDF) 83 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 83 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 79Page - Greenlee Communications DST-SW-E Datasheet HTML 80Page - Greenlee Communications DST-SW-E Datasheet HTML 81Page - Greenlee Communications DST-SW-E Datasheet HTML 82Page - Greenlee Communications DST-SW-E Datasheet HTML 83Page - Greenlee Communications DST-SW-E Datasheet HTML 84Page - Greenlee Communications DST-SW-E Datasheet HTML 85Page - Greenlee Communications DST-SW-E Datasheet HTML 86Page - Greenlee Communications DST-SW-E Datasheet HTML 87Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
359
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Kwik Stripper® Twisted Pair Stripper
Pro Kwik Stripper® CATV
CAT. NO.
UPC NO.
DESCRIPTION
45579
45579
Kwik Stripper® Twisted Pair Stripper
CAT. NO.
UPC NO.
DESCRIPTION
45591
01174
Pro Kwik Stripper® CATV
45579
Typically used for Modular Plug Connectors (See pages 373)
• No tool is better for trimming the jacket from twisted pair cable
without damaging the individual conductors
• Blade depth adjustment ensures precise cutting depth
• Blade penetration controlled by tension loop
• Strip length gauge
• Designed for the professional CATV cable installer. Uses reversible
stripping cartridges for RG6, RG59, RG11 and RG7 CATV cables that
are replaceable
• No adjustments needed
• Included with the tool, the RG6/RG59 cartridge strips
cable jacket and dielectric to 1/4" (6.4 mm)
• Included with the tool, the RG11/RG7 cartridge strips
cable jacket and dielectric to 1/4" (6.4 mm)
• Extra-large finger hole
45579
45591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com