Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-E Datasheet(PDF) 72 Page - Greenlee Communications

Part # DST-SW-E
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E Datasheet(HTML) 72 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 68Page - Greenlee Communications DST-SW-E Datasheet HTML 69Page - Greenlee Communications DST-SW-E Datasheet HTML 70Page - Greenlee Communications DST-SW-E Datasheet HTML 71Page - Greenlee Communications DST-SW-E Datasheet HTML 72Page - Greenlee Communications DST-SW-E Datasheet HTML 73Page - Greenlee Communications DST-SW-E Datasheet HTML 74Page - Greenlee Communications DST-SW-E Datasheet HTML 75Page - Greenlee Communications DST-SW-E Datasheet HTML 76Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
348
COMMUNICATIONS
TRUSTED
SINCE
1862
COMMUNICATIONS KITS
www.greenlee.com
DataReady™ Kit
CAT. NO.
DESCRIPTION
WEIGHT
PA901053
DataReady™ Kit
3 lbs
PA9010531
DataReady™ Kit - AMP/Krone*†
3 lbs
DATEREADY™ KITS INCLUDE
PA1116
Data SureStrip® UTP/STP & flat satin cutter/stripper
PA1561
All-in-One Phone/Data tool*
PA3570
SurePunch Impact Punchdown Tool
PA4571
110/ 66 blade**
PA1576
Data Link/ID and Cable-Check™Tester
N/A
(20) RJ45 plugs, Cat5e, solid/stranded; flat/round cable
N/A
Zipper Case with Carrying Strap
* WE/SS - style replaced with AMP - style #1557
** Contains 110 & Krone blades PA4575 (only with PA9010531 Kit)
The complete Category 5 datacomm tool set in a handy zipper case.
Everything needed for a CAT-5 installation except the cable
Premise Service Kit
CAT. NO.
DESCRIPTION
WEIGHT
PA901039
Premise Service Kit
7.6 lbs
PA9010391
Premise Service Kit - AMP/Krone*
7.6 lbs
PREMISE SERVICE KITS INCLUDE
PA1179
KT8 round cable cutter
PA1257
LC-CST CATV “F” coax stripper*
PA1116
Data SureStrip® UTP/STP & flat satin cutter/stripper
PA8000
CrimpALL® crimp frame with EZI-CHANGE™ thumb screws
PA3589
SurePunch Pro punchdown tool
PA4599
SurePunch Pro detachable LED light
PA4573
66 blade***
PA1543
LAN ProNavigator® UTP/STP continuity tester & remote
PA1573
Telephone Test Set & LAN Cable-Check™
PA1902
RJ45 8-way adapter
DIE SETS:
PA2062
RJ11/12 WE/SS-style**
PA2687
RJ45 WE/SS-style&RG6/RG6 QS CATV“F”**
* Replaced with LC CST-58/59 coax stripper PA1255
** Replaced with RJ45 AMP-style & RG58/59 BNC/TNC dies PA2034, PA2064, PA2065
*** Replaced with BIX or Krone blade #PA4575 (only with PA9010391 Kit)
Our biggest data, voice, and coaxial LAN installation kit provides everything
for twisted pair and coaxial cable installation. All tools contained in a
professional blow-mold case complete with form-fitting foam
PA901053
PA91039
† 68 spring- compression blades precisely adjust to the insulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com