| Electronic Components Datasheet Search |
|
ISO7140FCCDBQ Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7140FCCDBQ Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7131CCDBQ Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7131CC ISO7131CCDBQ.A Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7131CC ISO7131CCDBQ.B Active Production SSOP (DBQ) | 16 75 | TUBE - Call TI Call TI -40 to 125 ISO7131CCDBQR Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7131CC ISO7131CCDBQR.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7131CC ISO7131CCDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 ISO7131CCDBQRG4 Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7131CC ISO7131CCDBQRG4.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7131CC ISO7131CCDBQRG4.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 ISO7140CCDBQ Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140CC ISO7140CCDBQ.A Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140CC ISO7140CCDBQ.B Active Production SSOP (DBQ) | 16 75 | TUBE - Call TI Call TI -40 to 125 ISO7140CCDBQR Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140CC ISO7140CCDBQR.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140CC ISO7140CCDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 ISO7140CCDBQRG4 Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140CC ISO7140CCDBQRG4.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140CC ISO7140CCDBQRG4.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 ISO7140FCCDBQ Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140FC ISO7140FCCDBQ.A Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140FC ISO7140FCCDBQ.B Active Production SSOP (DBQ) | 16 75 | TUBE - Call TI Call TI -40 to 125 ISO7140FCCDBQG4 Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140FC ISO7140FCCDBQG4.A Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140FC ISO7140FCCDBQG4.B Active Production SSOP (DBQ) | 16 75 | TUBE - Call TI Call TI -40 to 125 ISO7140FCCDBQR Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140FC ISO7140FCCDBQR.A Active Production SSOP (DBQ) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7140FC ISO7140FCCDBQR.B Active Production SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 ISO7141CCDBQ Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7141CC ISO7141CCDBQ.A Active Production SSOP (DBQ) | 16 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 7141CC Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |