Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7140FCCDBQ Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 5 Page - Texas Instruments

  ISO7140FCCDBQ Datasheet HTML 1Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 2Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 3Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 4Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 5Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 6Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 7Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 8Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VCC1, VCC2
Supply voltage(2)
–0.5
6
V
INx, ENx,
Voltage
–0.5
VCC+ 0.5
(3)
V
OUTx
IO
Output current
–15
15
mA
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply voltage
2.7
5.5
V
High-level output current (VCC ≥ 3.0 V)
–4
mA
IOH
High-level output current (VCC < 3.0 V)
–2
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
tui
Input pulse duration (VCC ≥ 4.5V)
20
ns
tui
Input pulse duration (VCC < 4.5V)
25
1 / tui
Signaling rate (VCC ≥ 4.5V)
0
50
Mbps
1 / tui
Signaling rate (VCC < 4.5V)
0
40
TA
Ambient temperature
–40
25
125
°C
TJ
Junction temperature
–40
136
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com