Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7140FCCDBQ Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 8Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 9Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 10Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 11Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 12Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 13Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 14Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 15Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
5
10
15
Low-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C003
V
CC at 3.3 V
V
CC at 5 V
2.34
2.36
2.38
2.40
2.42
2.44
2.46
2.48
±50
0
50
100
150
Free-Air Temperature (ƒC)
VCC Rising
VCC Falling
C004
V
CC Rising
V
CC Falling
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
Data Rate (Mbps)
ICC2 5V
ICC2 3.3V
ICC1 5V
ICC1 3.3V
C001
I
CC2 at 5 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC1 at 3.3 V
±1.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
±15
±10
±5
0
High-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C002
V
CC at 3.3 V
V
CC at 5 V
0.00
2.00
4.00
6.00
8.00
10.00
12.00
0
10
20
30
40
50
60
Data Rate (Mbps)
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
C001
I
CC1 at 3.3 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC2 at 5 V
0
2
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
Data Rate (Mbps)
ICC2 5V
ICC2 3.3V
ICC1 5V
ICC1 3.3V
C001
I
CC2 at 5 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC1 at 3.3 V
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
6.15 Typical Characteristics
Figure 1. ISO7131 Supply Current for All Channels vs Data
Figure 2. ISO7140 Supply Current for All Channels vs Data
Rate
Rate
Figure 3. ISO7141 Supply Current for All Channels vs Data
Figure 4. High-Level Output Voltage vs High-Level Output
Rate
Current
Figure 5. Low-Level Output Voltage vs Low-Level Output
Figure 6. VCC Undervoltage Threshold vs Free-Air
Current
Temperature
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com