Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720DWVR Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO7720DWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DWVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7720DWVR Datasheet HTML 14Page - Texas Instruments ISO7720DWVR Datasheet HTML 15Page - Texas Instruments ISO7720DWVR Datasheet HTML 16Page - Texas Instruments ISO7720DWVR Datasheet HTML 17Page - Texas Instruments ISO7720DWVR Datasheet HTML 18Page - Texas Instruments ISO7720DWVR Datasheet HTML 19Page - Texas Instruments ISO7720DWVR Datasheet HTML 20Page - Texas Instruments ISO7720DWVR Datasheet HTML 21Page - Texas Instruments ISO7720DWVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
6.17 Switching Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
7.5
12
21
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.5
5.9
ns
tsk(o)
Channel-to-channel output skew
time(2)
Same direction channels
4.4
ns
tsk(pp)
Part-to-part skew time(3)
5.5
ns
tr
Output signal rise time
See Figure 7-1
1
3.5
ns
tf
Output signal fall time
1
3.5
ns
tDO
Default output delay time from input
power loss
Measured from the time VCC goes
below 1.7V. See Figure 7-2
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.18 Insulation Characteristics Curves
Ambient Temperature (qC)
0
50
100
150
200
0
100
200
300
400
500
600
D001
VCC1 = VCC2 = 2.75 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
Figure 6-1. Thermal Derating Curve for Limiting
Current per VDE for DW-16 Package
Ambient Temperature (qC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
1600
D002
Figure 6-2. Thermal Derating Curve for Limiting
Power per VDE for DW-16 Package
Ambient Temperature (qC)
0
50
100
150
200
0
100
200
300
400
500
600
D013
VCC1 = VCC2 = 2.75 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
Figure 6-3. Thermal Derating Curve for Limiting
Current per VDE for DWV-8 Package
Ambient Temperature (qC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
1600
D014
Figure 6-4. Thermal Derating Curve for Limiting
Power per VDE for DWV-8 Package
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com