Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720DWVR Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7720DWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DWVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7720DWVR Datasheet HTML 5Page - Texas Instruments ISO7720DWVR Datasheet HTML 6Page - Texas Instruments ISO7720DWVR Datasheet HTML 7Page - Texas Instruments ISO7720DWVR Datasheet HTML 8Page - Texas Instruments ISO7720DWVR Datasheet HTML 9Page - Texas Instruments ISO7720DWVR Datasheet HTML 10Page - Texas Instruments ISO7720DWVR Datasheet HTML 11Page - Texas Instruments ISO7720DWVR Datasheet HTML 12Page - Texas Instruments ISO7720DWVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
ISO772x
UNIT
DW (SOIC)
DWV (SOIC)
D (SOIC)
16 PINS
16 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
86.5
84.3
137.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.6
36.3
54.9
°C/W
RθJB
Junction-to-board thermal resistance
49.7
47.0
71.7
°C/W
ψJT
Junction-to-top characterization parameter
32.3
7.4
7.1
°C/W
ψJB
Junction-to-board characterization parameter
49.2
45.1
70.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7720
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15
pF, Input 50-MHz 50% duty cycle square
wave
110
mW
PD1
Maximum power dissipation (side-1)
22
mW
PD2
Maximum power dissipation (side-2)
88
mW
ISO7721
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 50-MHz 50% duty cycle
square wave
110
mW
PD1
Maximum power dissipation (side-1)
55
mW
PD2
Maximum power dissipation (side-2)
55
mW
www.ti.com
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com