Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720DWVR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7720DWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DWVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7720DWVR Datasheet HTML 8Page - Texas Instruments ISO7720DWVR Datasheet HTML 9Page - Texas Instruments ISO7720DWVR Datasheet HTML 10Page - Texas Instruments ISO7720DWVR Datasheet HTML 11Page - Texas Instruments ISO7720DWVR Datasheet HTML 12Page - Texas Instruments ISO7720DWVR Datasheet HTML 13Page - Texas Instruments ISO7720DWVR Datasheet HTML 14Page - Texas Instruments ISO7720DWVR Datasheet HTML 15Page - Texas Instruments ISO7720DWVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1 and IEC 60601-1
Recognized under
UL 1577 Component
Recognition Program
Certified according to
GB4943.1
Certified according to EN
61010-1 and EN
62368-1
Maximum transient
isolation voltage, 8000
VPK (DW-16), 7071 VPK
(DWV-8) and 4242 VPK
(D-8);
Maximum repetitive peak
isolation voltage, 2121 VPK
(DW-16, DWV-8,
Reinforced), 1414
VPK (DW-16, Basic) and
637 VPK (D-8);
Maximum surge isolation
voltage, 12800 VPK
(DW-16, DWV-8,
Reinforced), 7800 VPK
(DW-16, Basic) and 10000
VPK (D-8)
600 VRMS (DW-16) and
600 VRMS (DWV-8)
reinforced insulation and
400 VRMS (D-8) basic
insulation working voltage
per CSA 62368-1 and IEC
62368-1, (pollution degree
2, material group I);
2 MOPP (Means of Patient
Protection) per CSA
60601-1 and IEC 60601-1,
250 VRMS (DW-16,
DWV-8) max working
voltage
DW-16, DWV-8:
Single protection, 5000
VRMS;
D-8: Single protection,
3000 VRMS
DW-16, DWV-8:
Reinforced Insulation,
Altitude ≤ 5000 m, Tropical
Climate,700 VRMS
maximum working voltage;
D-8: Basic Insulation,
Altitude ≤ 5000 m, Tropical
Climate, 400 VRMS
maximum working voltage
5000 VRMS (DW-16,
DWV-8) and 3000
VRMS (D-8) Reinforced
insulation per EN 61010-1
up to working voltage
of 600 VRMS (DW-16,
DWV-8) and 300 VRMS
(D-8)
5000 VRMS (DW-16,
DWV-8) and 3000
VRMS (D-8) Reinforced
insulation per EN 62368-1
up to working voltage
of 600 VRMS (DW-16,
DWV-8) and 400 VRMS
(D-8)
Certificate numbers:
40040142 (Reinforced)
40047657 (Basic)
Master contract number:
220991
File number: E181974
Certificate numbers:
CQC21001304083
(DW-16)
CQC18001199096
(DWV-8)
CQC15001121656 (D-8)
Client ID number: 77311
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =86.5°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 6-1
263
mA
RθJA = 86.5°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 6-1
401
RθJA = 86.5°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 6-1
525
PS
Safety input, output, or total power
RθJA = 86.5°C/W, TJ = 150°C, TA = 25°C,
see Figure 6-2
1445
mW
TS
Maximum safety temperature
150
°C
DWV-8 PACKAGE
IS
Safety input, output, or supply current (1)
RθJA =84.3°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 6-3
270
mA
RθJA = 84.3°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 6-3
412
RθJA = 84.3°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 6-3
539
PS
Safety input, output, or total power (1)
RθJA = 84.3°C/W, TJ = 150°C, TA = 25°C,
see Figure 6-4
1483
mW
TS
Maximum safety temperature (1)
150
°C
D-8 PACKAGE
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com