Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720DWVR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7720DWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DWVR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7720DWVR Datasheet HTML 1Page - Texas Instruments ISO7720DWVR Datasheet HTML 2Page - Texas Instruments ISO7720DWVR Datasheet HTML 3Page - Texas Instruments ISO7720DWVR Datasheet HTML 4Page - Texas Instruments ISO7720DWVR Datasheet HTML 5Page - Texas Instruments ISO7720DWVR Datasheet HTML 6Page - Texas Instruments ISO7720DWVR Datasheet HTML 7Page - Texas Instruments ISO7720DWVR Datasheet HTML 8Page - Texas Instruments ISO7720DWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital
Isolators
1 Features
• 100 Mbps data rate
• Robust isolation barrier:
– >30-Year projected lifetime at 1.5 kVRMS
working voltage
– Up to 5000 VRMS Isolation Rating
– Up to 12.8 kV surge capability
– ±100 kV/μs Typical CMTI
• Wide supply range: 2.25 V to 5.5 V
• 2.25-V to 5.5-V level translation
• Default output High (ISO772x) and Low
(ISO772xF) Options
• Wide temperature range: –55°C to +125°C
• Low power consumption, typical 1.7 mA per
channel at 1 Mbps
• Low propagation delay: 11 ns typical
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16, DWV-8) and Narrow-SOIC
(D-8) package options
• Automotive Version Available: ISO772x-Q1
• Safety-Related Certifications
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 61010-1, IEC 62368-1, IEC 60601-1, and
GB 4943.1 certifications
2 Applications
• Industrial automation
• Motor control
• Power supplies
• Solar inverters
• Medical equipment
3 Description
The ISO772x devices are high-performance, dual-
channel digital isolators with 5000 VRMS (DW and
DWV packages) and 3000 VRMS (D package) isolation
ratings per UL 1577. This family includes devices with
reinforced insulation ratings according to VDE, CSA,
TUV and CQC.The ISO7721B device is designed for
applications that require basic insulation ratings only.
The ISO772x devices provide high electromagnetic
immunity
and
low
emissions
at
low
power
consumption, while isolating CMOS or LVCMOS
digital I/Os. Each isolation channel has a logic input
and output buffer separated by a double capacitive
silicon dioxide (SiO2) insulation barrier. The ISO7720
device has both channels in the same direction while
the ISO7721 device has both channels in the opposite
direction. In the event of input power or signal loss,
the default output is high for devices without suffix
F and low for devices with suffix F. See the Device
Functional Modes section for further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on data
buses, such as RS-485, RS-232, and CAN , from
damaging sensitive circuitry. Through innovative chip
design and layout techniques, the electromagnetic
compatibility of the ISO772x devices has been
significantly enhanced to ease system-level ESD,
EFT, surge, and emissions compliance. The ISO772x
family of devices is available in 16-pin SOIC wide-
body (DW), 8-pin SOIC wide-body (DWV), and 8-pin
SOIC narrow-body (D) packages.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7720, ISO7721
ISO7721F, ISO7721F
D (8)
4.90 mm × 3.91 mm
DWV (8)
5.85 mm × 7.50 mm
DW (16)
10.30 mm × 7.50 mm
ISO7721B, ISO7721FB
DW (16)
10.30 mm × 7.50 mm
OUTx
GNDO
GNDI
VCCO
VCCI
Series Isolation
Capacitors
Copyright © 2016, Texas Instruments Incorporated
INx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7720DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720DWVR TI1-ISO7720DWVR Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720DWVR TI1-ISO7720DWVR Datasheet
2Mb / 52P
ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
MAY 2024
More results

Similar Description - ISO7720DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740 TI1-ISO7740_V01 Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7740 TI-ISO7740_V02 Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com