Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248F Datasheet(PDF) 50 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 46Page - STMicroelectronics VNF1248F Datasheet HTML 47Page - STMicroelectronics VNF1248F Datasheet HTML 48Page - STMicroelectronics VNF1248F Datasheet HTML 49Page - STMicroelectronics VNF1248F Datasheet HTML 50Page - STMicroelectronics VNF1248F Datasheet HTML 51Page - STMicroelectronics VNF1248F Datasheet HTML 52Page - STMicroelectronics VNF1248F Datasheet HTML 53Page - STMicroelectronics VNF1248F Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
12.12
ROM memory map
Table 48. ROM memory map
Address
Name
Access
Content
(hex)
Description
00h
Company code
R
00h
Indicates the code of STMicroelectronics company
01h
Device family
R
01h
Indicates the product family
02h
Device N. 1
R
55h
Indicates the first code of the product
03h
Device N. 2
R
52h
Indicates the second code of the product
04h
Device N. 3
R
07h
Indicates the third code of the product
05h
Device N. 4
R
4Ah
Indicates the fourth code of the product
0Ah
Silicon version
R
02h
Related silicon version
10h
SPI mode
R
31h
Bit7 = 0, burst read is disabled
SPI data length = 32 bits
Bit6, DL2 = 0
Bit5, DL1 = 1
Bit4, DL0 = 1
Bit3, SPI8 = 0: 8-bit frame option not available
Bit2 = 0
Parity check is used
Bit1, S1= 0
Bit0, S0 = 1
11h
WD type 1
R
4Ah
A WD is implemented
Bit7, WD1 = 0
Bit6, WD0 = 1
WD period 50 ms = 10*5ms
-> WT[5:0] = 0xA
Bit5, WT5 = 0
Bit4, WT4 = 0
Bit3, WT3 = 1
Bit2, WT2 = 0
Bit1, WT1 = 1
Bit0, WT0 = 0
13h
WD bit pos. 1
R
43h
Bit7,WB1 = 0
Bit6,WB2 = 1
WBA[5-0], Bit[5-0] = address of the config. register, where the WD bit is
located = 03h = 000011b
14h
WD bit pos. 2
R
C1h
Bit7,WB1 = 1
Bit6,WB0 = 1
Bit position of the WD bit within the corresponding configuration register
= 01d = 000001b
3Fh
Advanced
operation code
R
00h
Access to this address triggers a SW reset (all control registers are set to
their default values; in addition, all status registers are cleared too).(1)
1. Data field should not be “all ones”, otherwise an “SDI stuck at” error occurs.
VNF1248F
SPI functional description
DS14109 - Rev 7
page 50/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com