Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1248F Datasheet(PDF) 66 Page - STMicroelectronics

Part # VNF1248F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1248F Datasheet(HTML) 66 Page - STMicroelectronics

Back Button VNF1248F Datasheet HTML 62Page - STMicroelectronics VNF1248F Datasheet HTML 63Page - STMicroelectronics VNF1248F Datasheet HTML 64Page - STMicroelectronics VNF1248F Datasheet HTML 65Page - STMicroelectronics VNF1248F Datasheet HTML 66Page - STMicroelectronics VNF1248F Datasheet HTML 67Page - STMicroelectronics VNF1248F Datasheet HTML 68Page - STMicroelectronics VNF1248F Datasheet HTML 69Page - STMicroelectronics VNF1248F Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
Table 63. Component value
Reference
Value
CS1
22 μF (1)
2x22 μF (2)
CS2
100 nF
CP1, CP2
220 nF
CP
390 nF
CVSPI
330 nF
CV3V3
1 μF
RPU
4.7 kΩ
RPD
8.2 kΩ
RA (only for application with MCU 5 V)
8.2 kΩ
RB (only for application with MCU 5 V)
15 kΩ
R(VSPI)
300 Ω
RPROTA
1 kΩ
RPROTB
2.2 kΩ
RPROT(SPI)
RCS
50 mΩ
RCLK
50 mΩ
RSDI
50 mΩ
RSDO
100 Ω
RGATE
47 kΩ
RREF
12 kΩ ±1%
RSENSE
1 mΩ
RNTC
B57232V5103F360
D1
STPS2L60-Y
Reverse battery protection
1. In case of usage of device at 48 V.
2. In case of usage at 12 V, in order to withstand the severe cold start pulse test defined by the VW80000 LV124 E-11 without
turning OFF the OUT.
VNF1248F
Application information
DS14109 - Rev 7
page 66/79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com