Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # LM43602PWPR
Description  LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM43602PWPR Datasheet HTML 17Page - Texas Instruments LM43602PWPR Datasheet HTML 18Page - Texas Instruments LM43602PWPR Datasheet HTML 19Page - Texas Instruments LM43602PWPR Datasheet HTML 20Page - Texas Instruments LM43602PWPR Datasheet HTML 21Page - Texas Instruments LM43602PWPR Datasheet HTML 22Page - Texas Instruments LM43602PWPR Datasheet HTML 23Page - Texas Instruments LM43602PWPR Datasheet HTML 24Page - Texas Instruments LM43602PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
1000
10000
100000
1000000
0.001
0.01
0.1
1
Current (A)
8V
12V
24V
36V
C007
21
LM43602
www.ti.com
SNVSA36C – APRIL 2014 – REVISED OCTOBER 2017
Product Folder Links: LM43602
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
2. Discontinuous conduction mode (DCM) with fixed switching frequency when load current is lower than half of
the peak-to-peak inductor current ripple in CCM operation;
3. Pulse Frequency Modulation (PFM) when switching frequency is decreased at very light load;
4. Fold-back mode when switching frequency is decreased to maintain output regulation at lower supply voltage
VIN.
7.4.4 CCM Mode
Constant Current Mode (CCM) operation is employed in the LM43602 when the load current is higher than half
of the peak-to-peak inductor current. In CCM peration, the frequency of operation is fixed unless the the
minimum HS switch ON-time (TON_MIN) or OFF-time (TOFF_MIN) is exceeded. Output voltage ripple will be at a
minimum in this mode and the maximum output current of 2 A can be supplied by the LM43602.
7.4.5 Light Load Operation
When the load current is lower than half of the peak-to-peak inductor current in CCM, the LM43602 will operate
in Discontinuous Conduction Mode (DCM), also known as Diode Emulation Mode (DEM). In DCM operation, the
LS FET is turned off when the inductor current drops to 0 A to improve efficiency. Both switching losses and
conduction losses are reduced in DCM, comparing to forced PWM operation at light load.
At even lighter current loads, Pulse Frequency Mode (PFM) is activated to maintain high efficiency operation.
When the HS switch ON-time reduces to TON_MIN or peak inductor current reduces to its minimum IPEAK-MIN, the
switching frequency will reduce to maintain proper regulation. Efficiency is greatly improved by reducing
switching and gate drive losses.
Figure 35. VOUT = 5 V Fs = 500 kHz
Pulse Frequency Mode Operation
7.4.6 Self-Bias Mode
For highest efficiency of operation, it is recommended that the BIAS pin be connected directly to VOUT when VOUT
≥ 3.3 V. In this Self-Bias Mode of operation, the difference between the input and output voltages of the internal
LDO are reduced and therefore the total efficiency of the LM43602 is improved. These efficiency gains are more
evident during light load operation. During this mode of operation, the LM43602 operates with a minimum
quiescent current of 27 µA (typical). Please refer to VCC, UVLO and BIAS for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com