Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # LM43602PWPR
Description  LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM43602PWPR Datasheet HTML 4Page - Texas Instruments LM43602PWPR Datasheet HTML 5Page - Texas Instruments LM43602PWPR Datasheet HTML 6Page - Texas Instruments LM43602PWPR Datasheet HTML 7Page - Texas Instruments LM43602PWPR Datasheet HTML 8Page - Texas Instruments LM43602PWPR Datasheet HTML 9Page - Texas Instruments LM43602PWPR Datasheet HTML 10Page - Texas Instruments LM43602PWPR Datasheet HTML 11Page - Texas Instruments LM43602PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Current (A)
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
5VIN
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
12VIN
24VIN
C001
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Current (A)
5VIN
12VIN
24VIN
C001
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Current (A)
5VIN
12VIN
24VIN
C001
8
LM43602
SNVSA36C – APRIL 2014 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
6.8 Typical Characteristics
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz, L = 6.8 µH, COUT = 120 µF, CFF = 100 pF. See
Application Performance Curves for Bill of materials for other VOUT and FS combinations.
VOUT = 3.3V
FS = 500 kHz
Figure 1. Efficiency at Room Temperature
VOUT = 3.3V
FS = 500 kHz
Figure 2. Efficiency at Room Temperature
VOUT = 3.3V
FS = 500 kHz
Figure 3. Efficiency at 85°C
VOUT = 5V
FS = 500 kHz
Figure 4. Efficiency at Room Temperature
VOUT = 5V
FS = 500 kHz
Figure 5. Efficiency at Room Temperature
VOUT = 5V
FS = 500 kHz
Figure 6. Efficiency at 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com