Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602PWPR Datasheet(PDF) 40 Page - Texas Instruments

Part # LM43602PWPR
Description  LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602PWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM43602PWPR Datasheet HTML 36Page - Texas Instruments LM43602PWPR Datasheet HTML 37Page - Texas Instruments LM43602PWPR Datasheet HTML 38Page - Texas Instruments LM43602PWPR Datasheet HTML 39Page - Texas Instruments LM43602PWPR Datasheet HTML 40Page - Texas Instruments LM43602PWPR Datasheet HTML 41Page - Texas Instruments LM43602PWPR Datasheet HTML 42Page - Texas Instruments LM43602PWPR Datasheet HTML 43Page - Texas Instruments LM43602PWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
16X (0.25)
(4.35)
(3.8)
14X (0.5)
(2.45)
(
) VIA
TYP
0.2
4X (0.975)
2X
(1.925)
16X (0.6)
(R
) TYP
0.05
6X
(0.705)
VSON - 1 mm max height
DSU0016A
PLASTIC SMALL OUTLINE - NO LEAD
4222160/A 09/2015
SYMM
1
8
9
16
SCALE:15X
LAND PATTERN EXAMPLE
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
40
LM43602
SNVSA36C – APRIL 2014 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LM43602
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com