Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43602PWPR Datasheet(PDF) 39 Page - Texas Instruments

Part # LM43602PWPR
Description  LM43602 3.5-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43602PWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM43602PWPR Datasheet HTML 35Page - Texas Instruments LM43602PWPR Datasheet HTML 36Page - Texas Instruments LM43602PWPR Datasheet HTML 37Page - Texas Instruments LM43602PWPR Datasheet HTML 38Page - Texas Instruments LM43602PWPR Datasheet HTML 39Page - Texas Instruments LM43602PWPR Datasheet HTML 40Page - Texas Instruments LM43602PWPR Datasheet HTML 41Page - Texas Instruments LM43602PWPR Datasheet HTML 42Page - Texas Instruments LM43602PWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
A
A
16X
0.3
0.2
4.35±0.1
2X
3.5
2.45±0.1
14X 0.5
1 MAX
16X
0.5
0.3
0.05
0.00
A
4.1
3.9
B
5.1
4.9
(0.2) TYP
(0.08)
(0.05)
VSON - 1 mm max height
DSU0016A
PLASTIC SMALL OUTLINE - NO LEAD
4222160/A 09/2015
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
8
9
16
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
C
THERMAL PAD
EXPOSED
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
SCALE 30.000
SECTION A-A
SECTION A-A
TYPICAL
39
LM43602
www.ti.com
SNVSA36C – APRIL 2014 – REVISED OCTOBER 2017
Product Folder Links: LM43602
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com