Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T94MH6F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41T94MH6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41T94MH6F Datasheet HTML 23Page - STMicroelectronics M41T94MH6F Datasheet HTML 24Page - STMicroelectronics M41T94MH6F Datasheet HTML 25Page - STMicroelectronics M41T94MH6F Datasheet HTML 26Page - STMicroelectronics M41T94MH6F Datasheet HTML 27Page - STMicroelectronics M41T94MH6F Datasheet HTML 28Page - STMicroelectronics M41T94MH6F Datasheet HTML 29Page - STMicroelectronics M41T94MH6F Datasheet HTML 30Page - STMicroelectronics M41T94MH6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DocID7564 Rev 8
27/39
M41T94
Maximum ratings
39
5
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT® sockets.
Table 10. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off, oscillator off)
SNAPHAT®
–40 to 85
°C
SOIC
–55 to 125
°C
VCC
Supply voltage
–0.3 to 7
V
TSLD
(1)
1. For SO16 and SOH28 package, lead-free (Pb-free) lead finish: reflow at peak temperature of 260°C (the
time above 255°C must not exceed 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC+0.3
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com